Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7923KFL Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7923KFL
Description  SONET/SDH 2.5Gb/s Laser Diode Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7923KFL Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7923KFL Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7923KFL Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52203-0, Rev 3.0
Page 5
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Preliminary Data Sheet
VSC7923
SONET/SDH 2.5Gb/s Laser Diode Driver
Input Termination Schemes
Figure 1: Input Structure
Figure 2: Single Ended AC Coupled
Figure 3: Differential AC Coupled
X
X
+
-
1400
1400
4300
4300
OV (GND)
-5.2V (VSS)
DIN
VREF
• Nominal VREF = -1.3V
• 1400, 4300 Ohm Resistor
on die, nominal values
X
X
SOURCE
50
Ω
50 Ohms
-2V
0.1
µF
0.1
µF
DIN
VREF
GND
VSS
+
-
GND
GND
GND
X
SOURCE
50
Ω
-2V
0.1
µF
DIN
X
50
Ω
-2V
0.1
µF
VREF
GND
VSS
+
-
GND
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com