Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QSMP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QSMP
Description  QFN Style Solder-Down Computer-on-Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QSMP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QSMP Datasheet HTML 9Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 10Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 11Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 12Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 13Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 14Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 15Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 16Page - List of Unclassifed Manufacturers QSMP Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
QSMP
Onboard wiring
Pins used for manufacturing and debugging – leave unconnected
PIN
(MP1 PAD NAME)
PIN
(MP1 PAD NAME)
PIN
(MP1 PAD NAME)
C1
JTAG_TDI (JTDI)
C3
JTAG_TCK (JTCK-SWCLK)
B2
JTAG_TDO (JTDO-TRACESWO)
A1
JTAG_TRST_B (NJTRST)
A3
JTAG_TMS (JTMS-SWDIO)
PIN
USED FOR
MP1
PAD
Alternate Function
0-3
Alternate Function
4-7
Alternate Function
8-11
Alternate Function
12-15
Remarks
Onboard peripherals wiring
SERIAL
FLASH
PB6
10K-PU
-
TIM16_CH1N
TIM4_CH1
-
I2C1_SCL
CEC
I2C4_SCL
USART1_TX
-
FDCAN2_TX
QUADSPI_BK1_NCS
DFSDM1_DATIN5
UART5_TX
DCMI_D5
-
EVENTOUT
PF10
10K-PU
-
TIM16_BKIN
SAI1_D3
SAI4_D4
-
-
SAI1_D4
-
-
QUADSPI_CLK
-
-
SAI4_D3
DCMI_D11
LCD_DE
EVENTOUT
PF8
10K-PU
TRACED12
TIM16_CH1N
-
-
-
SPI5_MISO
SAI1_SCK_B
UART7_RTS/UART7_DE
-
TIM13_CH1
QUADSPI_BK1_IO0
-
-
-
-
EVENTOUT
PF9
10K-PU
TRACED13
TIM17_CH1N
-
-
-
SPI5_MOSI
SAI1_FS_B
UART7_CTS
-
TIM14_CH1
QUADSPI_BK1_IO1
-
-
-
-
EVENTOUT
eMMC
PG6
10K-PU
TRACED14
TIM17_BKIN
-
-
-
-
-
-
-
-
SDMMC2_CMD
-
-
DCMI_D12
LCD_R7
EVENTOUT
PE3
10K-PU
TRACED0
-
-
-
TIM15_BKIN
-
SAI1_SD_B
-
-
SDMMC2_CK
-
-
FMC_A19
-
-
EVENTOUT
PB14
10K-PU
-
TIM1_CH2N
TIM12_CH1
TIM8_CH2N
USART1_TX
SPI2_MISO/I2S2_SDI
DFSDM1_DATIN2
USART3_RTS/USART3_DE
-
SDMMC2_D0
-
-
-
-
-
EVENTOUT
PB15
RTC_REFIN
TIM1_CH3N
TIM12_CH2
TIM8_CH3N
USART1_RX
SPI2_MOSI/I2S2_SDO
DFSDM1_CKIN2
-
-
SDMMC2_D1
-
-
-
-
-
EVENTOUT
PB3
TRACED9
TIM2_CH2
-
-
SAI4_CK1
SPI1_SCK/I2S1_CK
SPI3_SCK/I2S3_CK
-
SPI6_SCK
SDMMC2_D2
-
-
SAI4_MCLK_A
UART7_RX
-
EVENTOUT
PB4
TRACED8
TIM16_BKIN
TIM3_CH1
-
SAI4_CK2
SPI1_MISO/I2S1_SDI
SPI3_MISO/I2S3_SDI
SPI2_NSS/I2S2_WS
SPI6_MISO
SDMMC2_D3
-
-
SAI4_SCK_A
UART7_TX
-
EVENTOUT
PA8
MCO1
TIM1_CH1
-
TIM8_BKIN2
I2C3_SCL
SPI3_MOSI/I2S3_SDO
-
USART1_CK
SDMMC2_CKIN
SDMMC2_D4
OTG_FS_SOF/OTG_HS_SOF
-
SAI4_SD_B
UART7_RX
LCD_R6
EVENTOUT
PB9
HDP7
TIM17_CH1
TIM4_CH4
DFSDM1_DATIN7
I2C1_SDA
SPI2_NSS/I2S2_WS
I2C4_SDA
SDMMC2_CDIR
UART4_TX
FDCAN1_TX
SDMMC2_D5
SDMMC1_CDIR
SDMMC1_D5
DCMI_D7
LCD_B7
EVENTOUT
PC6
HDP1
-
TIM3_CH1
TIM8_CH1
DFSDM1_CKIN3
I2S2_MCK
-
USART6_TX
SDMMC1_D0DIR
SDMMC2_D0DIR
SDMMC2_D6
DSI_TE
SDMMC1_D6
DCMI_D0
LCD_HSYNC
EVENTOUT
PC7
HDP4
-
TIM3_CH2
TIM8_CH2
DFSDM1_DATIN3
-
I2S3_MCK
USART6_RX
SDMMC1_D123DIR
SDMMC2_D123DIR
SDMMC2_D7
-
SDMMC1_D7
DCMI_D1
LCD_G6
EVENTOUT
LED
PA13
Low: LED on
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com