Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7689-5120177 Datasheet(PDF) 18 Page - Hosiden Corporation

Part # TCS7689-5120177
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7689-5120177 Datasheet(HTML) 18 Page - Hosiden Corporation

Back Button TCS7689-5120177 Datasheet HTML 14Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 15Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 16Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 17Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 18Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 19Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 20Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 21Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 22Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
17
Unit:mm
TCS7953 Series
TCS7934 Series
h=8mm
Horizontal Sockets
h=8mm
With Switch(2P-2T)
TCS7934-01-201
TCS7953-14-201
Arrangement
4
3
2
1
Arrangement
4
3
2
1
7
SEE TABLE
12
8
1.5
(1)
14
7
SEE TABLE
14
23.5
8
1.5
∅2.2
TCS7934-01-201
∅2.6
TCS7934-01-211
∅2.2
TCS7953-14-201
∅2.6
TCS7953-14-211
Notes:
1. Combinations with plugs
① Can be fit with the TCP8500 series, the TCP8600 series, the TCP8300
series and TPX4115.
② Connection with the TCP7100 series is possible, but some specifica-
tions are not applicable. Please inquire concerning special specifica-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com