Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS7689-5120177 Datasheet(PDF) 27 Page - Hosiden Corporation

Part # TCS7689-5120177
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCS7689-5120177 Datasheet(HTML) 27 Page - Hosiden Corporation

Back Button TCS7689-5120177 Datasheet HTML 23Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 24Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 25Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 26Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 27Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 28Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 29Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 30Page - Hosiden Corporation TCS7689-5120177 Datasheet HTML 31Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
26
Unit:mm
TCP6100 Series
Plugs
Plugs (Quick Lock Type)
TCP6180-1111267
4.8
6.2
24.3
35.5
49.5
13
Contact Arrangement
4
5a
6
7
8a
Suitable Cord
Dia. A
Color
3
4
1
2
4
5
2
1
3
5
6
3
1
2
4
5
6
7
3
1
2
4
6
7
8
3
1
2
5
4
4.8mm
TCP6100
Series
Black TCP6140-1111267
TCP6150-1111267
TCP6160-1111267
TCP6170-1111267
TCP6180-1111267
Gray#1 TCP6140-1112267 TCP6150-1112267 TCP6160-1112267 TCP6170-1112267 TCP6180-1112267
Gray#2 TCP6140-1113267 TCP6150-1113267 TCP6160-1113267 TCP6170-1113267 TCP6180-1113267
Notes:
1. Wires are connected to the contacts by soldering.
2. Parts, not assembled, are sold in a set. For the package style, refer please
the specification.
3. Combinations with sockets
① Can be fit with the TCS6100 series.
② The combinations of the 8P (a) plug and the 7P socket are not designed
for error connecting prevention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com