Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP3120 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP3120
Description  1:20 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3120 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP3120 Datasheet HTML 1Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 2Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 3Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 4Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 5Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 6Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 7Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 8Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FastEdge™ Series
CY2DP3120
Document #: 38-07514 Rev.*C
Page 7 of 9
3. 3V
Zo = 5 0 o h m
3.3V
5"
5"
C Y 2D P 3120
12 0 oh m
12 0 oh m
VC C = 3 . 3 V
VE E = 0 V
LV D S
51 o h m
( 2 p lac es )
33 o h m
( 2 p lac es )
L VPEC L t o
LV D S
Figure 8. Low-voltage Positive Emitter-coupled Logic (LVPECL) to a Low-voltage Differential Signaling (LVDS) Interface
Figure 9. Termination for LVPECL to HTSL interface for VCC=2.5V would use X=50 Ohms, Y=2300 Ohms, and Z=1000
Ohms. See application note titled, “PECL Translation, SAW Oscillators, and Specs” for other signalling standards and
supplies.
VCC
VDD-2
Y
X
Z
One output is shown for clarity
Ordering Information
Part Number
Package Type
Product Flow
CY2DP3120AI
52-pin TQFP
Industrial, –40
° to 85°C
CY2DP3120AIT
52-pin TQFP – Tape and Reel
Industrial, –40
° to 85°C
CY2DP3120AXI
52-pin TQFP - Lead Free
Industrial, –40
° to 85°C
CY2DP3120AXIT
52-pin TQFP – Tape and Reel - Lead Free
Industrial, –40
° to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com