Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP3120 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP3120
Description  1:20 Differential Clock/Data Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP3120 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP3120 Datasheet HTML 1Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 2Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 3Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 4Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 5Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 6Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 7Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 8Page - Cypress Semiconductor CY2DP3120 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1:20 Differential Clock/Data Fanout Buffer
FastEdge™ Series
CY2DP3120
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07514 Rev.*C
Revised July 28, 2004
Features
• Twenty ECL/PECL differential outputs
• One ECL/PECL compatible differential or single-ended
clock inputs
• One HSTL compatible differential or single-ended clock
inputs
• Hot-swappable/-insertable
• 50 ps output-to-output skew
• 150 ps device-to-device skew
• 500 ps propagation delay (typical)
• 1.4 ps RMS period jitter (max.)
• 1.5 GHz Operation (2.7 GHz max. toggle frequency)
• PECL mode supply range: VCC = 2.5V± 5% to 3.3V±5%
with VEE = 0V
• ECL mode supply range: VE E = –2.5V± 5% to –3.3V±5%
with VCC = 0V
• Industrial temperature range: –40°C to 85°C
• 52-pin 1.4-mm TQFP package
• Temperature compensation like 100K ECL
• Pin compatible with MC100ES6221
Functional Description
The CY2DP3120 is a low-skew, low propagation delay 1-to-20
differential fanout buffer targeted to meet the requirements of
high-performance clock and data distribution applications. The
device is implemented on SiGe technology and has a fully
differential internal architecture that is optimized to achieve
low signal skews at operating frequencies of up to 1.5 GHz.
The device features two differential input paths that are multi-
plexed internally. This mux is controlled by the CLK_SEL pin.
The CY2DP3120 may function not only as a differential clock
buffer but also as a signal-level translator and fanout on
ECL/PECL signal to twenty ECL/PECL differential loads. An
external bias pin, VBB, is provided for this purpose. In such an
application, the VBB pin should be connected to either one of
the CLKA# or CLKB# inputs and bypassed to ground via a
0.01-
µF capacitor. Traditionally, in ECL, it is used to provide
the reference level to a receiving single-ended input that might
have a different self-bias point.
Since the CY2DP3120 introduces negligible jitter to the timing
budget, it is the ideal choice for distributing high frequency,
high precision clocks across back-planes and boards in
communication systems. Furthermore, advanced circuit
design schemes, such as internal temperature compensation,
ensure that the CY2DP3120 delivers consistent performance
over various platforms.
Block Diagram
Pin Configuration
VBB
Q0
Q0#
Q19
Q19#
VEE
VEE
VCC
CLKA
CLKA#
CLKB
CLKB#
CLK_SEL
VEE
VCC
Q6
Q7
Q6#
Q7#
Q8
Q8#
Q9
Q9#
Q10
Q10#
Q11
Q11#
VCC
VCC
CLK_SEL
VCC
CLKA
CLKA#
VBB
CLKB
CLKB#
VEE
Q19#
Q19
Q18#
Q18
40
41
42
43
44
45
46
47
48
49
50
51
52
1
2
3
4
5
6
7
8
9
10
11
12
13
26
25
24
23
22
21
20
19
18
17
16
15
14
39
38
37
36
35
34
33
32
31
30
29
28
27
CY2DP3120


Similar Part No. - CY2DP3120

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP3110AI CYPRESS-CY2DP3110AI Datasheet
279Kb / 9P
1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP3110AIT CYPRESS-CY2DP3110AIT Datasheet
279Kb / 9P
1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314 Datasheet
229Kb / 10P
1:4 Differential Clock/Data Fanout Buffer
More results

Similar Description - CY2DP3120

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
1 of 2:4 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
Dual 1:5 Differential Clock / Data Fanout Buffer
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
1 of 2:10 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
3.3V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL85331A POTATO-PO74HSTL85331A Datasheet
675Kb / 8P
3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com