Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39EN3-R Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 39EN3-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39EN3-R Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  39EN3-R Datasheet HTML 1Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
26
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
TERMINATION
Termination is specified in the order
guides. Leadwires are generally six feet
long, and of the gage and Military Specifi-
cations noted in the order guides.
MOUNTING
Plunger actuator switches mount through
5
⁄8 inch or 15⁄32 inch diameter holes. Lock
washer, keyed washer, and wire lock hex-
agon mounting nuts lock the switches in
their mounting holes.
Rotary actuator switches mount through
15/32 inch diameter holes. A lock washer
wire lock hexagon nut and locating pins
on the top of the housing prevent switch
rotation.
OPERATION
Plunger Actuators
For in-line actuation. An ice scraper ring
cleans the actuator with each operation.
Ball Bearing Plunger Actuator
For random direction operation. An ice
scraper ring cleans the actuator with each
operation. For further information, con-
tact your nearest MICRO SWITCH Sales
Office.
Roller Plunger Actuators
For cam and slide actuation not to exceed
20
° rise. Roller adjusts laterally in 45° in-
crements. An ice scraper ring cleans the
actuator with each operation.
Rotary Linkage Lever Actuator
A threaded rod attaches to the rotary lever
for positive actuation. The rotary lever op-
erates in either direction and adjusts lat-
erally to any position through 360
°. The
threaded rod pivots in two planes. The ac-
tuator has no spring return, but is con-
trolled directly by the movement of the ac-
tuating device.
Rotary Roller Lever Actuator
For cam and slide actuation with more
than a 30
° rise. A spring returned mecha-
nism, this actuator is available in clock-
wise and counterclockwise operation de-
signs. The actuator adjusts laterally to
any position through 360
°. The roller is
laminated phenolic.
DIMENSIONS SHOWN ARE FOR
REFERENCE ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com