Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39EN3-R Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 39EN3-R
Description  Position Sensors Environment-Sealed Limit Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

39EN3-R Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 39EN3-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 10Page - Honeywell Solid State Electronics Center 39EN3-R Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Position Sensors
EN Series
Environment-Sealed Limit Switches
30
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-416-293-8111 Canada
1EN194-S (similar in
appearance but has
screw terminals)
1EN51-6
1EN61-6
1EN75-R
1EN76-R
1EN75-R3
21EN75-R1
21EN75-2
1EN231-6
Characteristics: O.F. – Operating Force; R.F. – Release Force;
P.T. – Pretravel; O.T. – Overtravel; D.T. – Differential Travel.
EN SPECIAL REQUIREMENTS ORDER GUIDE
Characteristics
R.F.
P.T.
O.T.
D.T.
Wgt.
Repl.
Elec.
O.F.
min.
max.
min.
max.
max.
Mtg.
Special2
Rating1
Catalog
N
N
mm
mm
mm
g
Hdw.
Requirement Actuator
Termination
Circuitry
Code
Listing
lbs.
lbs.
inches
inches
inches
oz.
Pkt.3
High
Plunger
No. 20
(2)SPDT
A
1EN231-6
26,7-53,4
17,8
1,02
5,84
0,51
207
3
Velocity
Leadwire
6-12
4
.040
.230
.020
7.3
Actuation
(MIL-W-22759/1)
Low Force
Plunger
No. 20
(2)SPDT
A
1EN51-6
13,3-26,7
8,9
1,02
6,35
0,51
213
3
Operation
Leadwire
3-6
2
.040
.250
.020
7.5
(MIL-W-5086)
Increased
Plunger
No. 20
(2)SPDT
A
1EN61-6
26,7-53,4
17,8
1,02
12,7
0,51
227
3
Overtravel
Leadwire
6-12
4
.040
.500
.020
8
(MIL-W-5086)
Increased
Plunger
Screw
(2)SPDT
A
1EN194-S
26,7-53,4
17,8
0,38-1,02
21,8
0,51
113
7
Overtravel
6-12
4
.015-.040
.860
.020
4
High Shock
Plunger
Bottom
(2)SPDT
A
1EN75-R
26,7-53,4
17,8
1,02
6,35
0,51
198
8
Receptacle
6-12
4
.040
.250
.020
7
High Shock
Plunger
Side
(2)SPDT
A
1EN76-R
26,7-53,4
17,8
1,02
6,35
0,51
227
8
Receptacle
6-12
4
.040
.250
.020
8
High Shock
Plunger
Bottom
(2)SPDT
D
1EN75-R3
26,7-53,4
17,8
1,02
6,35
0,51
198
8
Receptacle
(M8805/65-001)
6-12
4
.040
.250
.020
7
High Shock
Roller
Bottom
(2)SPDT
A
21EN75-R1
26,7-53,4
17,8
1,02
6,35
0,51
204
11
Plunger
Receptacle
6-12
4
.040
.250
.020
7.2
High Shock
Roller
No. 20
(2)SPDT
A
21EN75-2
26,7-53,4
17,8
1,02
6,35
0,51
207
11
Plunger
Leadwire
6-12
4
.040
.250
.020
7.3
(MIL-W-22759/7)
Notes:
1
Electrical ratings are on page 25.
2
These are just a few of the designs that have been
developed to meet special application require-
ments. If you have similar or different special re-
quirements, contact MICRO SWITCH for the right
switch to meet them.
3
See page 33 for replacement mounting hardware
packet catalog listings
N
Newtons
EXPLANATIONS OF SWITCHES WITH
SPECIAL REQUIREMENTS
High velocity actuation
This switch is designed to withstand near
‘‘hammer-blow’’ actuation as is found in
over-center locking mechanisms. It is di-
mensionally interchangeable with stan-
dard listing 1EN1-6.
Low force operation
Special spring construction within this
switch reduces the normal 6 to 12 pound
(26,7 to 53,4 N) EN operating force to 3 to
6 pounds (13,3 to 26,7 N). This switch is
also dimensionally interchangeable with
the standard size 1EN1-6. Low force 600
series ENs have 3 to 6 pounds (13,3 to
26,7 N) of operating force.
Increased overtravel
A longer plunger and bushing on the
switch extends the EN overtravel capabil-
ities from the normal .250 inch to .860
(6,35 to 21,8 mm). The longer bushing al-
so permits additional adjustment of the
plunger position.
High impact shock
Catalog listing 1EN75-R3 (M8805/65-001)
has been qualified to MIL-S-8805, includ-
ing high impact shock class H. Other
switches rated for high impact shock ap-
plications incorporate the same plunger
mechanism and internal switch design as
used in the 1EN75-R3 and are expected to
conform to the same requirements.
Terminations of these listings are:
1EN75-R
DM-9601-7P-1D
Deutch receptacle
1EN75-R3
GS02-16S-1P-003
Cannon receptacle
1EN76-R
DM-9601-7P-1D
Deutch receptacle
21EN75-R1
GS02-16S-1P-003
Cannon receptacle
21EN75-2
MIL-W-22759/7
Two foot lead wire 20 gage
MICRO SWITCH does not furnish mat-
ing connectors with these products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com