Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-622DS-R13-240 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MF-622DS-R13-240
Description  SONET/SDH TRANSMITTER & RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DS-R13-240 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF-622DS-R13-240 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
RECEIVER PIN ALLOCATION
No.
Symbol
Description
No.
Symbol
Description
1
GND
Ground
20
NC
No user connection
2
GND
Ground
19
NC
No user connection
3
GND
Ground
18
NC
No user connection
4
CLK
Clock
17
NC
No user connection
5
CLK
Clock
16
GND
Ground
6
GND
Ground
15
GND
Ground
7
Data
Data
14
SD
Signal Detect
8
GND
Ground
13
GND
Ground
9
Data
Data
12
SD
Signal Detect
10
PDB
Photo Detector Bias
11
Vcc
Vcc
RECEIVER PIN DESCRIPTIONS
Pin No.
Function
I/O
Pin description
1,2,3,
6,8,13,
15,16
GND
I
These pin are the module’s ground connections.
They should be connected to a low impedance ground plane (0V).
11
Vcc
I
This is the power supply pin for the module.
It should be connected to +5.0V.
Recommended power supply decoupling.
7,9
Data & Data
O
There are Data output pin (Differential PECL output).
Signal level of these pin are PECL level.
Refer to electrical interface in NOTE4.
4,5
Clock & Clock
O
There are recovered clock output pin (Differential PECL output).
Signal level of these pin are PECL level.
Refer to electrical interface in NOTE4.
12,14
Signal Detect
&
Signal Detect
O
When the opt ical input signal fall bellow the SD threshold level, The Signal Detect
is deasserted and its output logic level changes form a PECL HIGH to PECL LOW.
Signal Detect pin is differential PECL output pin.
Refer to electrical interface in NOTE5.
10
Photo Detector Bias
I
This pin supplies the bias for the PI N Photo Detector and it should be connected to
+5.0V.
Additionally, by using External Resistor in series with this pin, it is possible to
measure the photocurrent.
Refer to electrical interface in NOTE8.
17,18,
19,20
NC
-
These pin are No user connection and should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com