Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-622DS-R13-240 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MF-622DS-R13-240
Description  SONET/SDH TRANSMITTER & RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-622DS-R13-240 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF-622DS-R13-240 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-622DS-R13-240 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-622DS-T12-43x/45x/46x
MF-622DS-R13-24x
SONET/SDH TRANSMITTER & RECEIVER
ELECTRICAL CHARACTERISTICS
All parameters are specified over the operating case temperature.
Measurement conditions are at 622.08Mb/s+/-20ppm, NRZ PN2
23-1 and 50%duty cycle data signal.
The DATA input/output and CLOCK output signal levels are PECL compatible.
The transmitter disable input signal level is CMOS/TTL compatible.
The Signal Detect output signal level is PECL level compatible.
Transmitter
Parameters
Condition
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
-
Vcc
4.75
5.0
5.25
V
Power consumption
-
Pc
-
0.75
1.5
W
PECL input voltage
note 1
-
PECL
-
Transmitter Disable voltage
note 2
Vd
Vcc-2.0V
-
Vcc
V
Transmitter Enable voltage
note 2
Ve
0
-
0.8
V
Laser bias monitor voltage
note 3
Vb
0.01
-
0.70
V
Laser backface monitor voltage
note 3
Vbf
0.01
-
0.20
V
Receiver
Parameters
Condition
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
4.75
5.0
5.25
V
Power consumption
Pc
-
1.2
1.5
W
PECL input voltage
note 4,5
-
PECL
-
Data/Clock external Load
note 4
RI
50
ohm
Data to clock phase
note 6
Tcda
-200
-
200
psec.
Clock duty
note 6
-
45
-
55
%
Jitter
-
ITU Rec.compliant
-
Signal Detect Response Time:
Decreasing Light Input
note 5,7
SDRTd
-
-
100
us
Signal Detect Response Time:
Increasing Light Input
note 5,7
SDRTi
-
-
100
us
Photo Bias Current Responsity
note 8
PBr
0.6
-
-
A/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com