Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40D331K Datasheet(PDF) 4 Page - Ceramate Technical

Part # 40D331K
Description  QUALITY APPROVAL and STRUCTURE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

40D331K Datasheet(HTML) 4 Page - Ceramate Technical

  40D331K Datasheet HTML 1Page - Ceramate Technical 40D331K Datasheet HTML 2Page - Ceramate Technical 40D331K Datasheet HTML 3Page - Ceramate Technical 40D331K Datasheet HTML 4Page - Ceramate Technical 40D331K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPE
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
。
。
。
MODEL
錯誤
錯誤
錯誤
錯誤! 連
連
連
連
結無效
結無效
結無效
結無效。
。
。
。
PAGE
4/5
CITATION
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
。
。
。
DATE
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
。
。
。
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
錯誤
錯誤
錯誤
錯誤! 連結無效
連結無效
連結無效
連結無效。
。
。
。
3. ELECTRICAL CHARACTERISTICS
N0.
ITEM
PERFORMANCE
TEST METHODS
3.0
Standard Conditions
Unless otherwise specified, all tests are made
under environmental conditions as given below:
Temperature:
5〜35℃
Relative humidity:
45〜85 % RH
3.1
Maximum Allowable
Voltage
AC : *
*
*
*(2) Vrms
DC : *
*
*
*(2) V
Maximum continuous sine wave(RMS) or DC
voltage which may be applied.
3.2
Varistor Voltage
V1mA : *
*
*
*(2) V
Voltage across the varistor measured at CmA DC.
3.3
Varistor Voltage
Temperature
Coefficient
0 〜
−−−−0.05 %/℃
VCmA at 85℃ - VCmA at 25℃
1
VCmA at 25℃
60
3.4
Max. Clamping
Voltage
*
*
*
*(2) V at
*
*
*
*(2) A
Peak voltage across the varistor with a specified
peak impulse current of 8× 20μs waveform.
The max. current within the varistor voltage
change of less than ± 10% when one impulse
current (8× 20μs) applied.
3.5
Withstanding Surge
Current
*
*
*
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when two times impulse
current (8× 20μs) are applied at intervals of 5
minutes.
3.6
Energy
*
*
*
*(2) Joule
The max. energy absorbed with a varistor voltage
change of less than ± 10% when one impulse(10
× 1000μs) is applied.
3.7
Surge Life
*
*
*
*(2) A
The max. current with a varistor voltage change
of less than ± 10% when 10,000 times impulse
current (8× 20μs) are applied at intervals of 20
seconds at room temperature.
*(2) See Page 5
×
× 100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com