Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNET Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # HORNET
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNET Datasheet(HTML) 2 Page - rfsolutions.ltd

  HORNET_V01 Datasheet HTML 1Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 2Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 3Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 4Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 5Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 6Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HORNET PRO
DS-HORNETPRO-3
Systems Part Numbers
Additional Transmitters
Part Number
Description
Power Supply
HORNETPRO-8S1
1 channel System
12-30Vac/dc
HORNETPRO-8S2
2 channel System
HORNETPRO-8S3
3 channel System
HORNETPRO-8S4
4 channel System
Custom Systems
Fobber keyfobs can be customised with logo, col-
our or complete custom plastic housing for unique
Branding
Please contact Sales for further info.
Part Number
Description
Range*
FOBBER-8T1
1 Sw
200m
FOBBER-8T2
2 Sw
200m
FOBBER-8T3
3Sw
200m
FOBBER-8T4
4 Sw
200m
FOBBER-8T6
4 ch 6 Sw
200m
FOBBER-8T8
8 Sw
200m
FOBBER-8TL1
2 button 1ch ON/OFF
200m
FOBBER-8TL2
4 button 2ch ON/OFF
200m
Part Number
Description
Power Supply
HORNETPRO-8R4
4 ch Receiver
12-30Vac/dc
HORNETPRO-8R2M
2 ch Receiver
230Vac
Additional Receivers
Part Number
Description
Power Supply
HORNETPRO-8S1M
1 channel System
230Vac
HORNETPRO-8S2M
2 channel System



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com