Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNET Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # HORNET
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNET Datasheet(HTML) 5 Page - rfsolutions.ltd

  HORNET_V01 Datasheet HTML 1Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 2Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 3Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 4Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 5Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 6Page - rfsolutions.ltd HORNET_V01 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HORNET PRO
DS-HORNETPRO-3
Pairing a transmitter button using the LEARN switch option
(12-30Vac-dc Receiver only)
To pair a new transmitter switch follow this procedure:
Unscrew the antenna, Open the enclosure, and extract the Circuit-board as-
sembly
1.
Briefly press the receiver LEARN switch once
2.
The Learn LED will flash once (One flash means the receiver unit is ready
to allocate a transmitter to relay output 1)
3.
To select relay output 2, 3 or 4, briefly press the LEARN switch again and
repeat until the LED flashes 2, 3 or 4 times. The LED will flash the correct
number of times to indicate which Relay output is selected.
4.
Press the button on the transmitter you want to learn to the chosen relay.
5.
The Learn LED will flash to indicate Pairing is complete.
Maximum Number of Transmitters to a Receiver
Each receiver has a maximum memory for up to 30 pairings, these can be
from the same or any number of transmitters.
Erasing Receivers Memory
1.
Press and hold the receiver Learn Switch for ~5 seconds.
2.
The receiver will sound a long Beep to confirm erased.
NOTE: You cannot erase individual Tx encoders
LEARN Switch
Advanced operation - Pairing a transmitter button with a magnet
With this system, you can pair together any individual transmitter switch
with any receiver relay switch. Without opening either enclosure:
1.
Briefly (less than 1 second) place a magnet next to the receiver in
the position shown and then remove it.
2.
The receiver will buzz once (One buzz means the receiver unit is
ready to allocate a transmitter button to relay output 1)To select
relay output 2, 3 o 4, briefly place the magnet again so that the
Buzzer Buzzes to indicate the Relay output 2,3, or 4.
3.
Press the switch on the transmitter which you wish to pair
4.
The receiver will buzz twice to confirm pairing
5.
Repeat for any additional transmitter switches



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com