Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNETPRO-8S2 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # HORNETPRO-8S2
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNETPRO-8S2 Datasheet(HTML) 3 Page - rfsolutions.ltd

  HORNETPRO-8S2 Datasheet HTML 1Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 2Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 3Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 4Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 5Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 6Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HORNET PRO
DS-HORNETPRO-3
Relay Outputs
The receiver provides 4 changeover relay switches each capable of switching up to 1.2KW (5A @
230V). Each relay is independent and separately controlled, and can therefore be used to switch most
voltages either ac or dc.
Each output relay provides an isolated switch. Connections are Common (COM), Normally Open (NO)
and Normally Closed (NC).
Installation
Below is a simple example showing one possible way to wire a single set of relay Changeover contacts in
order to provide switched power to an external load:
When the relay is energised the ‘COM’ connects to ’NO’ and power is applied to the Load.
1.
Open the enclosure by removing fixing screws from the enclosure
2.
Remove the antenna and slide out the circuit board.
3.
Connect the power supply screw terminals.
4.
Wire your desired connections to the relay contact outputs
5.
As supplied, the handheld will operate the outputs; switch1 to output1, switch2 to output2 etc.
6.
Set the output functions to latching, / Momentary Operation.
Relay Connections when
Transmitter NOT Operating
Relay Connections when
Transmitter OPERATING
Relay
Relay
Relay
12V
0V
COM
NO
NC
Supply
Terminals
TRAP-RX
Live in
Switched
live out
1 2
FUSE 4A 230Vac
L
N
E
AC 230V MAINS IN
Relay2
Relay1
NO COM NC
Antenna
Reed Sw
(Magnet operated Switch)
Jumper Links
12-30V Version
230Vac Version



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com