Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HORNETPRO-8S2 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # HORNETPRO-8S2
Description  Remote Control System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

HORNETPRO-8S2 Datasheet(HTML) 6 Page - rfsolutions.ltd

  HORNETPRO-8S2 Datasheet HTML 1Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 2Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 3Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 4Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 5Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 6Page - rfsolutions.ltd HORNETPRO-8S2 Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HORNET PRO
DS-HORNETPRO-3
Technical specifications
Transmitters: FOBBER Transmitter
Enclosure Rating:
Standard IP68
Battery Type:
CR2032 (supplied)
Battery Life:
2 years @ approx. 50 1/2second presses p/day
Dimensions:
90 x 54 x 27 mm
Changing the Battery: Remove the 2 enclosure screws. replace battery, taking care of contacts and the
battery polarity
Receiver Unit
Enclosure Rating:
IP68
Dimensions:
130 x 112 x 42 mm (not including antenna)
Operating Temperature:
-10 to +50o Celsius.
*The relay contacts in this unit are for functional use only and must not be used for isolation purposes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com