Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5231BEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5231BEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5231BEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5231BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX5231
(VDD = +4.5V to +5.5V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND ...............................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Output (DOUT) to DGND...................-0.3V to VDD + 0.3V
OUT_ to AGND .............................................-0.3V to VDD + 0.3V
OS_ to AGND...................................................-4V to VDD + 0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
N
12
Bits
MAX5231A
±0.5
Integral Nonlinearity (Note 1)
INL
MAX5231B
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Offset Error (Note 2)
VOS
±3mV
Offset-Temperature Coefficient (Note 3)
TCVOS
8
µV/°C
Full-Scale Voltage
VFS
Code = FFF hex, TA = +25°C
4.070
4.095
4.120
V
MAX5231A
3
10
Full-Scale Temperature Coefficient
(Note 3)
TCVFS
MAX5231B (Note 6)
10
30
ppm/°C
Power-Supply Rejection
PSR
4.5V
≤ VDD ≤ 5.5V
175
500
µV
DC Crosstalk (Note 4)
100
µV
REFERENCE
Output Voltage
VREF
2.465
V
MAX5231A
3
Output-Voltage Temperature
Coefficient (Note 3)
TCVREF
MAX5231B
10
ppm/°C
Reference External Load Regulation
VOUT/IOUT 0
≤ IOUT ≤ 100µA (sourcing)
0.1
2
µV/µA
Reference Short-Circuit Current
4mA
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
Input Hysteresis
VHYS
200
mV
Input Leakage Current
IIN
Digital inputs = 0 or VDD
±1µA
Input Capacitance
CIN
8pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 2mA
4.25
V
Output Low Voltage
VOL
ISINK = 2mA
0.2
V
DYNAMIC PERFORMANCE
Voltage-Output Slew Rate
SR
0.6
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com