Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5231BEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5231BEEE
Description  3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5231BEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5231BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5231BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3V/5V, 12-Bit, Serial Voltage-Output Dual DACs
with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5231 (continued)
(VDD = +4.5V to +5.5V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage-Output Settling Time
To
±0.5LSB, VSTEP = ±4V
(VDD - 0.25V)
≥ VOUT ≥ 0.25V
10
µs
Output-Voltage Swing (Note 5)
0 to VDD
V
OS_ Input Resistance
ROS
83
121
k
Ω
Time Required for Output to Settle After
Turning on VDD (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting Full Power-Down (Note 6)
95
400
µs
Time Required for Output to Settle After
Exiting DAC Power-Down (Note 6)
12
160
µs
Digital Feedthrough
CS = VDD, fSCLK = 100kHz,
VSCLK = 5VP-P
5
nV-s
Major-Carry Glitch Energy
90
nV-s
POWER SUPPLIES
Power-Supply Voltage
VDD
4.5
5.5
V
Power-Supply Current (Note 7)
IDD
470
525
µA
Full power-down mode
1.4
5
One DAC shutdown mode
350
390
Power-Supply Current in Power-Down
and Shutdown Modes (Note 7)
Both DACs shutdown mode
235
260
µA
ELECTRICAL CHARACTERISTICS—MAX5230
(VDD = +2.7V to +3.6V, OS_ = AGND = DGND = 0, RL = 5k
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
N
12
Bits
MAX5230A
±0.5
Integral Nonlinearity (Note 1)
INL
MAX5230B
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Offset Error (Note 2)
VOS
±3mV
Offset-Temperature Coefficient (Note 3)
TCVOS
8
µV/°C
Full-Scale Voltage
VFS
Code = FFF hex, TA = +25°C
2.0350
2.0475
2.0600
V
MAX5230A
3
10
Full-Scale Temperature Coefficient
(Note 3)
TCVFS
MAX5230B (Note 6)
10
30
ppm/°C
Power-Supply Rejection
PSR
2.7V
≤ VDD ≤ 3.6V
175
500
µV
DC Crosstalk (Note 4)
100
µV
REFERENCE
Output Voltage
VREF
1.234
V
MAX5230A
3
Output-Voltage Temperature
Coefficient (Note 3)
TCVREF
MAX5230B
10
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com