Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H63 Datasheet(PDF) 6 Page - SPANSION

Part # AM29PDL129H63
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H63 Datasheet(HTML) 6 Page - SPANSION

Back Button AM29PDL129H63 Datasheet HTML 2Page - SPANSION AM29PDL129H63 Datasheet HTML 3Page - SPANSION AM29PDL129H63 Datasheet HTML 4Page - SPANSION AM29PDL129H63 Datasheet HTML 5Page - SPANSION AM29PDL129H63 Datasheet HTML 6Page - SPANSION AM29PDL129H63 Datasheet HTML 7Page - SPANSION AM29PDL129H63 Datasheet HTML 8Page - SPANSION AM29PDL129H63 Datasheet HTML 9Page - SPANSION AM29PDL129H63 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
4
Am29PDL129H
November 2, 2005
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Note:RY/BY# is an open drain output.
Part Number
Am29PDL129H
Speed Option
VCC, VIO = 2.7–3.6 V
53
63
VCC = 2.7–3.6 V, VIO = 1.65–1.95 V
68
88
Max Access Time, ns (tACC)55
65
65
85
Max CE# Access, ns (tCE)60
70
Max Page Access, ns (tPACC)
20
25
30
30
Max OE# Access, ns (tOE)
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
Data Latch
RESET#
RY/BY# (See Note)
A21–A3
A2–A0
CE1#
WE#
DQ15–DQ0
VIO
OE#
CE2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com