Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H63 Datasheet(PDF) 9 Page - SPANSION

Part # AM29PDL129H63
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H63 Datasheet(HTML) 9 Page - SPANSION

Back Button AM29PDL129H63 Datasheet HTML 5Page - SPANSION AM29PDL129H63 Datasheet HTML 6Page - SPANSION AM29PDL129H63 Datasheet HTML 7Page - SPANSION AM29PDL129H63 Datasheet HTML 8Page - SPANSION AM29PDL129H63 Datasheet HTML 9Page - SPANSION AM29PDL129H63 Datasheet HTML 10Page - SPANSION AM29PDL129H63 Datasheet HTML 11Page - SPANSION AM29PDL129H63 Datasheet HTML 12Page - SPANSION AM29PDL129H63 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
November 2, 2005
Am29PDL129H
7
PIN DESCRIPTION
A21–A0
=
22-bit address bus for 2 x 64 Mb de-
vice. A9 supports 12 V autoselect in-
puts.
DQ15–DQ0 =
16-bit data inputs/outputs/float
CE1#, CE2# =
Chip Enable Inputs. CE1# controls
the 64 Mb in Banks 1A and 1B.
CE2# controls the 64 Mb in Banks
2A and 2B.
OE#
=
Output Enable Input
WE#
=
Write Enable
VSS
=
Device Ground
NC
=
Pin Not Connected Internally
RY/BY#
=
Ready/Busy output and open drain.
When RY/BY#= VIH, the device is
ready to accept read operations and
commands. When RY/BY#= VOL,
the device is either executing an em-
bedded algorithm or the device is
executing a hardware reset opera-
tion.
WP#/ACC
=
Write Protect/Acceleration Input.
When WP/ACC#= VIL, the highest
and lowest two 4K-word sectors are
write protected regardless of other
sector protection configurations.
When WP/ACC#= VIH, these sector
are unprotected unless the DYB or
PPB is programmed. When WP/
ACC#= 12V, program and erase op-
erations are accelerated.
VIO
=
Input/Output Buffer Power Supply
(1.65 V to 1.95 V or 2.7 V to 3.6 V)
VCC
=
Chip Power Supply
(2.7 V to 3.6 V)
RESET#
=
Hardware Reset Pin
LOGIC SYMBOL
22
16
DQ15–DQ0
A21–A0
CE1#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
VIO (VCCQ)
CE2#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com