Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-2500DS-R14-191 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-2500DS-R14-191
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500DS-R14-191 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-2500DS-R14-191 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x
MF-2500DS-R13-18x
MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
OPTICAL CHARACTERISTICS
cond.
symb.
Min.
Typ.
Max.
Min
Typ.
Max
ITU-T/SONET
-
-
S-16.1/IR-1
L-16.1/LR-1
-
Optical budget
note7
-
0
-
12
10
-
24
dB
Transmitter
Center wavelength
-
-
1270
1310
1360
1280
1310
1335
nm
Optical source
-
-
SLM
SLM
-
Optical output power
note8
Snom
-4.5
-2
0
-1.5
0
+3
dBm
Shutdown optical power
-
Sidle
-
-50
-40
-
-50
-40
dBm
Spectral width
note9
-
-
0.3
1
-
0.3
1
nm
SMSR
-
-
30
-
-
30
-
-
dB
Extinction ratio
note10
ER
8.2
-
-
8.2
-
-
dB
Dispersion
-
-
100
-
-
250
-
-
ps/nm
maximum return loss
-
-
-
-
24
-
-
24
dB
Receiver
Receiver sensitivity
note11
note12
Rsen
-
-20.5
-18.5
-
-29.5
-27.5
dBm
Receiver overload
note13
Rovr
0
+1
-
-8
-7
-
dBm
Path penalty
-
-
-
0.2
1
-
0.2
1
dB
Maximum reflectance
-
-
-
-
-27
-
-
-27
dB
cond.
Symb.
Min.
Typ.
Max.
Min
Typ.
Max
ITU-T/SONET
-
-
L-16.1/LR-2
V-16.2
-
Optical budget
note7
-
10
-
24
22
-
33
dB
Transmitter
Center wavelength
-
-
1500
1530
1580
1530
1545
1565
nm
Optical source
-
-
SLM
SLM
-
Optical output power
note8
Snom
-1.5
0
+3
-4.5
0
+3
dBm
Shutdown optical power
-
Sidle
-
-50
-40
-
-50
-40
dBm
Spectral width
note9
-
-
0.3
1
-
0.3
0.8
nm
SMSR
-
-
30
-
-
30
-
-
dB
Extinction ratio
note10
ER
8.2
-
-
8.2
-
-
dB
Dispersion
-
-
1600
-
-
2400
-
-
ps/nm
maximum return loss
-
-
-
-
24
-
-
24
dB
Receiver
Receiver sensitivity
note11
note12
Rsen
-
-30.5
-28.5
-
-27.5
-25.5
dBm
Receiver overload
note13
Rovr
-8
-7
-
-9
-8
-
dBm
Path penalty
-
-
-
1.3
2
-
1.5
2
dB
Maximum reflectance
-
-
-
-
-27
-
-
-27
dB
note7:The V-16.2 version is adapted to standard 10dBm to 13dBm EDFA optical bandwidth.
note8:Measured at the connector interface. Provision of 0.5dB is taken for S point measurement.
note9:The maximum full width of the central wavelength peak, measured 20dB down from maximum amplitude
under modulation condition PRBS 2
23-1.
note10:Measured at the connector interface under modulation condition PRBS 2
23-1.
note11:Measured at BER 10
-10.
note12:Provision of 0.5dB is taken for R point measurement if SMF fiber is used.
Note13:The device must not be damaged when this optical power is applied to the optical input.
The device is not meant to operate at such an optical input power.
All min and max. parameters are specified End-of-Life within the overall relevant operating temperature range.
The typical values are referenced to +25deg.C ,nominal power supply, beginning of life.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com