Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-2500DS-R14-191 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # MF-2500DS-R14-191
Description  SONET/SDH TRANSMITTER & RECIEVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500DS-R14-191 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  MF-2500DS-R14-191 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500DS-R14-191 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MITSUBISHI (OPTICAL DEVICES)
MF-2500DS-T12-18x/19x/20x/21x
MF-2500DS-R13-18x
MF-2500DS-R14-19x/20x/21x
SONET/SDH TRANSMITTER & RECIEVER
NOTE4: Output interface
NOTE5: Data and Clock relationship
TBD
NOTE6: Signal detect interface
Receiver
Data / Clock
50ohm
Data / Clock
LVPECL
Receiver
TTL
Signal detect
Signal detect
Optical signal
OFF
ON
H
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com