Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6234PD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6234PD
Description  THREE PHASE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234PD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6234PD Datasheet HTML 2Page - STMicroelectronics L6234PD Datasheet HTML 3Page - STMicroelectronics L6234PD Datasheet HTML 4Page - STMicroelectronics L6234PD Datasheet HTML 5Page - STMicroelectronics L6234PD Datasheet HTML 6Page - STMicroelectronics L6234PD Datasheet HTML 7Page - STMicroelectronics L6234PD Datasheet HTML 8Page - STMicroelectronics L6234PD Datasheet HTML 9Page - STMicroelectronics L6234PD Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 8. PowerSO-20 Transient Thermal Re-
sistance
Figure 10. PowerSO-20 Thermal Resistance
(Mounted on FR4 monolayer substrate)
Figure 9. PowerSO-20 Thermal Resistance
(Mounted on Aluminium substrate)
Figure 11. PowerSO-20: with external heatsink
Figure 12. Thermal Impedance of PowerSO-20
and standard SO20
-5 0
-25
0
2 5
5 0
7 5
1 00
1 2 5
1 50
0
1
2
3
4
5
6
7
8
9
10
11
T j [°C ]
V re f [V ]
Vs = 5 2 V
Vs = 2 4 V
Vs = 7 V
Vs = 1 0 V
Figure 7. Reference Voltage vs. Junction Tem-
perature.
L6234
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com