Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6234PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6234PD
Description  THREE PHASE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234PD Datasheet(HTML) 1 Page - STMicroelectronics

  L6234PD Datasheet HTML 1Page - STMicroelectronics L6234PD Datasheet HTML 2Page - STMicroelectronics L6234PD Datasheet HTML 3Page - STMicroelectronics L6234PD Datasheet HTML 4Page - STMicroelectronics L6234PD Datasheet HTML 5Page - STMicroelectronics L6234PD Datasheet HTML 6Page - STMicroelectronics L6234PD Datasheet HTML 7Page - STMicroelectronics L6234PD Datasheet HTML 8Page - STMicroelectronics L6234PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L6234
THREE PHASE MOTOR DRIVER
SUPPLY VOLTAGE FROM 7 TO 52V
5A PEAK CURRENT
RDS ON 0.3
Ω TYP. VALUE AT 25°C
CROSS CONDUCTION PROTECTION
TTL COMPATIBLE DRIVER
OPERATING FREQUENCY TO 50KHz
THERMAL SHUTDOWN
INTRINSIC FAST FREE WHEELING DIODES
INPUT
AND
ENABLE
FUNCTION
FOR
EVERY HALF BRIDGE
10V EXTERNAL REFERENCE AVAILABLE
DESCRIPTION
The L6234 is a triple half bridge to drive a
brushless motor.
It is realized in Multipower BCD technology which
combines isolated DMOS power transistors with
CMOS and Bipolar circuits on the same chip.
By using mixed technology it has been possible to
optimize the logic circuitry and the power stage to
achieve the best possible performance.
The output DMOS transistors can sustain a very
high current due to the fact that the DMOS struc-
ture is not affected by the second breakdown ef-
fect, the RMS maximum current is practically lim-
ited by the dissipation capability of the package.
All the logic inputs are TTL, CMOS and
µP com-
patible. Each channel is controlled by two sepa-
rate logic input.
L6234 is available in 20 pin POWER DIP package
(16+2+2) and in PowerSO20.
August 2003
®
PIN CONNECTION (Top view)
ORDERING NUMBERS: L6234 (POWER DIP 16+2+2)
L6234PD (PowerSO20)
PowerSO20
POWER DIP (16+2+2)
OUT1
IN1
EN1
VS
GND
VS
GND
EN3
IN3
1
3
2
4
5
6
7
8
9
VCP
VBOOT
SENSE2
GND
GND
SENSE1
EN2
IN2
OUT2
20
19
18
17
16
14
15
13
12
D98IN848
OUT3
10
VREF
11
POWER DIP (16+2+2)
GND
SENSE1
EN2
IN2
OUT2
IN1
OUT1
EN1
VS
VS
EN3
IN3
VREF
OUT3
Vcp
VBOOT
SENSE2
GND
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
GND
GND
D94IN129A
PowerSO20
1/10


Similar Part No. - L6234PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234PD STMICROELECTRONICS-L6234PD Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
L6234PD STMICROELECTRONICS-L6234PD Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results

Similar Description - L6234PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
THREE PHASE MOTOR DRIVER
Mar-1998
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13412 HITACHI-HA13412 Datasheet
91Kb / 4P
THREE PHASE BRUSHIESS MOTOR DRIVER
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
Three-Phase Sensorless Motor Driver
May, 2013
logo
STMicroelectronics
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
Three phase motor driver
15-Nov-2011
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
Three-Phase Brushless Motor Driver
DRV3204-Q1 TI-DRV3204-Q1_15 Datasheet
460Kb / 38P
Three-Phase Brushless Motor Driver
logo
TRINAMIC Motion Control...
TMC389 TRINAMIC-TMC389 Datasheet
1Mb / 48P
three phase stepper motor driver
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
Three phase motor driver
15-Nov-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com