Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U8C3005G-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U8C3005G-S16-R
Description  8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8C3005G-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U8C3005G-S16-R Datasheet HTML 1Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 2Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 3Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 4Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 5Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U8C3005
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R126-059.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Voltage On Terminals
PVDD
-0.5 ~ 30
V
Voltage On Terminals
VDD
-0.5 ~ 7.0
V
Voltage On Terminals
SDO
-0.5 ~ VDD +0.5
V
Voltage On Terminals
Input
-0.5 ~ PVDD +0.5
V
Power Dissipation (Temperature=25°)
PD
1
W
Operational Temperature Range
TJ
-30 ~ +70
°C
Storage Temperature Range
TSTG
-40 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply
PVDD
8
30
V
Input Digital Clock Frequency
fSCLK
0.5
MHz
SCLK Pulse Width
TSCLK
750
ns
OE Pulse Width
T OE
2
us
OE to SCLK Rise
TOE-SCLK
2
us
TIMING SEQUENCE PARAMETER (T
A =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
ION
PVDD=20V, Channel On
2.4
3.2
4
mA
Supply Current
IOFF
PVDD=20V, Channel Off
1.3
1.8
2.3
mA
Output Voltage High (SDO)
VOH
5.5
6
6.5
V
Input High Voltage
VIH
3
18
V
Input Low Voltage
VIL
0.8
V
Limiting Current
ILIMIT
50
68
85
mA/ch
Output Voltage of Each Channel
VDS_ON
Channel On, IOUT=30mA
0.6
V
Maximum Power Voltage Supply
VDS-OFF
Channel Off
30
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com