Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U8C3005G-S16-R Datasheet (PDF) - Unisonic Technologies

U8C3005G-S16-R Datasheet PDF - Unisonic Technologies
Part # U8C3005G-S16-R
Download  U8C3005G-S16-R Download
File Size   190.63 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER

U8C3005G-S16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
U8C3005G-S16-R Datasheet PDF - Unisonic Technologies

Part # U8C3005G-S16-R
Download  U8C3005G-S16-R Click to download

File Size   190.63 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER

U8C3005G-S16-R Datasheet (HTML) - Unisonic Technologies


U8C3005G-S16-R Product details

 DESCRIPTION
The U8C3005 is a 8-Bit Serial-In Parallel-Out driver with Error
Detection to the solenoid valve drive. The device incorporates shift
registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of one channel is
Approximately limited to 50-85mA by Built-in constant current
source.
The range of power supply PVDD is 8V to 30V and the
Integrated internal 6V Regulator is used for low-voltage power
supply module communication. Moreover, PVDD can be also used
to absorb the inductive coil reverse-phase current with a built-in
reverse diode Between the output of each channel and PVDD in the
time of turn off.
Its built-in open/short detection circuits help users detect Load
state of the detection channels. System retrieve the error
messages to indicate which channel has failure by serial output
data.

 FEATURES
* VDD range: PVDD 8V to 30V
* each channel current limit: 50mA
* Integrated internal 6V regulator
* Maximum clock frequency: 0.5MHz
* Built-in open/short detection
* Short protect
* Detecting response
* Internal reverse diode of PVDD to Absorb reverse current from coil




Similar Part No. - U8C3005G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8C3005G-S16-R UTC-U8C3005G-S16-R Datasheet
186Kb / 6P
each channel current limit
More results


Similar Description - U8C3005G-S16-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
8-bit, serial IN, parallel OUT driver
BA829 ROHM-BA829 Datasheet
81Kb / 7P
8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
8-bit serial in, parallel out driver IC
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
8-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com