Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6281ASU8 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP6281ASU8 Datasheet HTML 1Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
2
.
o
Ne
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
O
O
B
y
l
p
p
u
S
p
a
r
t
s
t
o
o
B
C
r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
t
t
c
e
n
n
o
C
.r
e
v
ir
d
e
t
a
g
r
e
p
p
u
g
n
it
a
o
lf
e
h
t
r
o
f
T
O
O
B
r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
e
h
T
.t
i
u
c
r
i
c
p
a
r
t
s
t
o
o
b
a
m
r
o
f
o
t
n
i
p
E
S
A
H
P
e
h
t
d
n
a
n
i
p
T
O
O
B
n
e
e
w
t
e
b
C
t
a
h
t
e
r
u
s
n
E
.
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
o
n
r
u
t
o
t
e
g
r
a
h
c
e
h
t
s
e
d
i
v
o
r
p
T
O
O
B
.
C
I
e
h
t
r
a
e
n
d
e
c
a
l
p
s
i
2M
W
P
.
t
u
p
n
I
M
W
P
.
s
t
u
p
t
u
o
r
e
v
ir
d
e
h
t
s
l
o
r
t
n
o
c
d
n
a
t
u
p
n
i
l
e
v
e
l
c
i
g
o
l
s
e
v
i
e
c
e
r
n
i
p
s
i
h
T
3#
D
O
.
e
l
b
a
s
i
D
t
u
p
t
u
O
ff
o
E
T
A
G
L
d
n
a
E
T
A
G
U
h
t
o
b
s
e
c
r
o
f
d
n
a
n
o
it
a
r
e
p
o
l
a
m
r
o
n
s
e
l
b
a
s
i
d
n
i
p
s
i
h
T
.
w
o
l
d
e
ll
u
p
s
i
ti
n
e
h
w
4C
C
V
.
C
I
e
h
t
r
o
f
e
g
a
t
l
o
V
y
l
p
p
u
S
V
2
1
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
C
I
e
h
t
r
o
f
e
g
a
tl
o
v
s
a
i
b
s
e
d
i
v
o
r
p
n
i
p
s
i
h
T
.r
e
tl
if
C
/
R
n
a
h
ti
w
ti
s
s
a
p
y
b
d
n
a
e
c
r
u
o
s
e
g
a
tl
o
v
5E
T
A
G
L
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
w
o
L
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
r
e
w
o
l
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
ti
u
c
r
i
c
n
o
it
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
v
it
p
a
d
a
e
h
t
y
b
d
e
r
o
ti
n
o
m
.f
f
o
n
r
u
t
s
a
h
T
E
F
S
O
M
6D
N
G
.
C
I
e
h
t
r
o
f
d
n
u
o
r
G
.
n
i
p
s
i
h
t
o
t
t
c
e
p
s
e
r
h
ti
w
d
e
r
u
s
a
e
m
e
r
a
s
l
e
v
e
l
s
e
g
a
tl
o
v
ll
A
7E
S
A
H
P
.
e
d
o
N
h
c
t
i
w
S
E
S
A
H
P
f
o
n
i
a
r
d
e
h
t
d
n
a
T
E
F
S
O
M
r
e
p
p
u
e
h
t
f
o
e
c
r
u
o
s
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
d
e
r
o
ti
n
o
m
o
s
l
a
s
i
n
i
p
s
i
h
T
.r
e
v
ir
d
E
T
A
G
U
e
h
t
r
o
f
k
n
i
s
e
h
t
s
a
d
e
s
u
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
w
o
l
e
h
t
s
a
h
T
E
F
S
O
M
r
e
p
p
u
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
ti
u
c
r
i
c
n
o
it
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
v
it
p
a
d
a
e
h
t
y
b
e
v
it
a
g
e
n
e
c
u
d
e
r
o
t
d
e
d
n
e
m
m
o
c
e
r
s
i
d
n
u
o
r
g
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
e
d
o
i
d
y
k
tt
o
h
c
S
A
.f
f
o
d
e
n
r
u
t
.
m
e
t
s
y
s
y
l
p
p
u
s
r
e
w
o
p
a
n
i
n
o
m
m
o
c
s
i
h
c
i
h
w
e
g
a
tl
o
v
t
n
e
i
s
n
a
r
t
8E
T
A
G
U
.
t
u
p
t
u
O
r
e
v
i
r
D
e
t
a
G
r
e
p
p
U
s
i
n
i
p
s
i
h
T
.
T
E
F
S
O
M
r
e
p
p
u
f
o
e
t
a
g
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
r
e
p
p
u
e
h
t
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
y
r
ti
u
c
r
i
c
n
o
it
c
e
t
o
r
p
h
g
u
o
r
h
t
-
t
o
o
h
s
e
v
it
p
a
d
a
e
h
t
y
b
d
e
r
o
ti
n
o
m
.f
f
o
d
e
n
r
u
t
s
a
h
T
E
F
S
O
M
d
a
P
d
e
s
o
p
x
E
)
D
N
G
(
.
C
I
e
h
t
r
o
f
d
n
u
o
r
G
t
a
e
h
e
v
it
c
e
ff
e
r
o
f
B
C
P
o
t
d
e
r
e
d
l
o
s
ll
e
w
e
b
d
l
u
o
h
s
d
a
p
d
e
s
o
p
x
e
e
h
T
.
n
o
it
c
u
d
n
o
c
Functional Pin Description
Functional Block Diagram
Adaptive
Shoot-Through
Protection
Adaptive
Shoot-Through
Protection
UVLO
Output
Disable
VCC
GND
LGATE
PHASE
UGATE
BOOT
VCC
OD#
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com