Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP6281ASU8 Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP6281ASU8
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281ASU8 Datasheet(HTML) 4 Page - uPI Group Inc.

  UP6281ASU8 Datasheet HTML 1Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 2Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 3Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 4Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 5Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 6Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 7Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 8Page - uPI Group Inc. UP6281ASU8 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
4
Package Thermal Resistance (Note 3)
PSOP-8
θ
JA -------------------------------------------------------------------------------------------------------------------------------- 50°C/W
WDFN3x3-8L
θ
JA ------------------------------------------------------------------------------------------------------------------------- 68°C/W
PSOP-8L
θ
JC -------------------------------------------------------------------------------------------------------------------------- 5°C/W
WDFN3x3-8L
θ
JC --------------------------------------------------------------------------------------------------------------------------- 6°C/W
Power Dissipation, P
D @ TA = 25°C
PSOP-8L ------------------------------------------------------------------------------------------------------------------------ 2.0W
WDFN3x3-8L --------------------------------------------------------------------------------------------------------------------------- 1.47W
Operating Junction Temperature Range (Note 4) ------------------------------------------------------------------------ -40
°C to +125°C
Operating Ambient Temperature Range -------------------------------------------------------------------------------------- -40
°C to +85°C
Supply Input Voltage, V
CC ----------------------------------------------------------------------------------------------------------- +10.8V to 13.2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
p
n
I
y
l
p
p
u
S
e
g
a
tl
o
V
t
u
p
n
I
y
l
p
p
u
SV
C
C
8
.
0
1-
-2
.
3
1V
t
n
e
r
r
u
C
t
u
p
n
I
y
l
p
p
u
SI
C
C
l
e
n
n
a
h
c
h
c
a
e
,
V
0
=
#
D
O
=
M
W
P-
-1
5
.
2A
m
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
R
O
P
C
C
VV
H
T
R
C
C
V
C
C
g
n
i
s
ir0
.
42
.
44
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
P
C
C
VV
S
Y
H
C
C
-
-5
2
.
0-
-V
(V
CC = 12V, TA = 25
O
C, unless otherwise specified)
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Electrical Characteristics
Supply Input Voltage, VCC12 (Note 1) ---------------------------------------------------------------------------------------- -0.3V to +15V
BOOT to PHASE ---------------------------------------------------------------------------------------------------------------------------- -0.3V to +15V
PHASE to GND
DC --------------------------------------------------------------------------------------------------------------------------------------- -0.7V to 15V
< 200ns ---------------------------------------------------------------------------------------------------------------------------------- -8V to 30V
BOOT to GND
DC ------------------------------------------------------------------------------------------------------------------------ -0.3V to VCC12 + 15V
< 200ns -------------------------------------------------------------------------------------------------------------------------------- -0.3V to 42V
UGATE to PHASE
DC------------------------------------------------------------------------------------------------------------- -0.3V to (BOOT - PHASE +0.3V)
<200ns ---------------------------------------------------------------------------------------------------- -5V to (BOOT - PHASE + 0.3V)
LGATE to GND
DC ------------------------------------------------------------------------------------------------------------------ -0.3V to + (VCC12 + 0.3V)
<200ns ------------------------------------------------------------------------------------------------------------------- -5V to VCC12 + 0.3V
PWM ----------------------------------------------------------------------------------------------------------------------------------------------- -0.3V to +6V
OD# ----------------------------------------------------------------------------------------------------------------------------------- -0.3V to (VCC + 0.3)V
Storage Temperature Range ------------------------------------------------------------------------------------------------------------- -65OC to +150OC
JunctionTemperature ------------------------------------------------------------------------------------------------------------------------------------ 150OC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260OC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com