Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC80D50/AA Datasheet(PDF) 38 Page - Sumida Corporation

Part # CDMC80D50/AA
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC80D50/AA Datasheet(HTML) 38 Page - Sumida Corporation

Back Button CDMC80D50/AA Datasheet HTML 34Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 35Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 36Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 37Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 38Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 39Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 40Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 41Page - Sumida Corporation CDMC80D50/AA Datasheet HTML 42Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 156 page
background image
DC-DC Converter Transformers
PIN Type Transformer for Automotive applications
OUTLINE
High-reliability DC-DC converter transformers.The operating temperature range is from −40 degrees C to 125 degrees C.
DC-DC Converter Transformers < PIN Type Transformer for Automotive applications >
EPH1911
Specifications
: 500kHz
: 10W (100kHz), 22W (500kHz)
Max. Operating frequency
Max. Operating power
Application
1. Switching regulator
2. Gate Bias isolation for automotive
3. Portable equipment
NEW
Max.20.4
Max.11.5
2.8
16.0
磁気構造図
DIMENSIONS (mm)
外形寸法図
CONSTRUCTION
/ 概要
車載用高信頼性トランス。ー40∼120℃対応。
About EPH2711
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
1. Switching regulator
2. Gate bias isolation for automotive
Application
: Max. 500kHz
: 10.0W (100kHz), 23.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EPH2711
DIMENSIONS (mm)
CONSTRUCTION
1. Switching regulator
2. Gate bias isolation for automotive
Application
: Max. 300kHz
: 14.0W (100kHz), 32.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EPH2815
Max. 29.5
Max. 17.0 4.1
10-2.54
DIMENSIONS (mm)
CONSTRUCTION
PROVISIONAL
NEW
Max.28.5
Max.12.0
3.2
9 - 2.54
磁気構造図
外形寸法図
磁気構造図
外形寸法図
1. Switching regulator
2. Gate bias isolation for automotive
Application
: Max. 300kHz
: 14.0W (100kHz), 32.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EPH2815B
DIMENSIONS (mm)
CONSTRUCTION
磁気構造図
外形寸法図
Max. 30.0
Max. 17.0
4.0
23.0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com