Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP147ME Datasheet(PDF) 67 Page - Sumida Corporation

Part # CDEP147ME
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147ME Datasheet(HTML) 67 Page - Sumida Corporation

Back Button CDEP147ME Datasheet HTML 63Page - Sumida Corporation CDEP147ME Datasheet HTML 64Page - Sumida Corporation CDEP147ME Datasheet HTML 65Page - Sumida Corporation CDEP147ME Datasheet HTML 66Page - Sumida Corporation CDEP147ME Datasheet HTML 67Page - Sumida Corporation CDEP147ME Datasheet HTML 68Page - Sumida Corporation CDEP147ME Datasheet HTML 69Page - Sumida Corporation CDEP147ME Datasheet HTML 70Page - Sumida Corporation CDEP147ME Datasheet HTML 71Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
67
Reactor for harmonic current of input line
Reactor for harmonic current of input line
IBH series
Specifications
Features
IBH 635245
Parts No.
DIMENSIOS(Reference Value)/mm
Example of Electrical
Characteristic
L(mH) I(Adc)
接続
63
IBH 707645
70
IBH 707055
70
IBH 708370
70
IBH 8513260
85
IBH 8513270
85
53
60
60
60
74
74
52
76
76
83
132
158
66
92
92
99
153
180
45
45
55
70
60
70
17
4.3
30
7
3.5
0.85
2.8
0.7
3.7
1
4
1
2.3
4.6
3
6
8
16
13
26
18
35
25
50
Ⅰ
Ⅱ
Ⅰ
Ⅱ
Ⅰ
Ⅱ
Ⅰ
Ⅱ
Ⅰ
Ⅱ
Ⅰ
Ⅱ
4.5
×9
4.5
×9
4.5
×9
4.5
×9
5
×10
6
×12
φ4.5
φ4.5
φ4.5
φ4.5
φ5
φ6
AB
C
D
E
F
G
OUTLINE
To electric voltage is AC100V~AC480Vrms 50/60Hz.
For harmonic current of input line.
DIMENSIONS (mm)
CONNECTION
Schematics
1. Variety of sized products can be designed by core combinations
  for each specifications.
2. Products have simple structures and imexpencive prices.
3. Products can be downsized to promote heat loss of winding
  that are produced heat efficiently.
4. Products can be produced to the temperature class H(180
°C).
5. Products can be mounted different ways as the dimensions(examples).
 Please ask us on your requests.
1. 各種の容量に対してコアの組み合わせにより自由なサイズに設計できます。
2. シンプルな構造で、低価格です。
3. 巻線の発熱を効率よく放熱できるため小型化されます。
4. H種(180℃)まで対応可能です。
5. 外観(例)以外の取り付方法でも対応可能ですので御相談下さい。
FE
1
2
3
4
1
2
3
4
4
3
1
2
D
B
G
Ⅰ(Straight/直列)
Ⅱ(Parallel/並列)
/ 概要
対応電圧:AC100V∼AC480Vrms 50/60Hz
入力ラインの高調波電流対策用リアクトル
外形寸法図
接続図
結線図
/ 仕様
/ 特徴
特性例(電気的仕様)
寸法(参考値)/mm
品番
The demensions which above figure shows are rough standards.
These dementions might be changed due to electrical characteristics and others.
上記寸法は目安であり、電気的特性等により変更する場合があります。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com