Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP147ME Datasheet(PDF) 97 Page - Sumida Corporation

Part # CDEP147ME
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP147ME Datasheet(HTML) 97 Page - Sumida Corporation

Back Button CDEP147ME Datasheet HTML 93Page - Sumida Corporation CDEP147ME Datasheet HTML 94Page - Sumida Corporation CDEP147ME Datasheet HTML 95Page - Sumida Corporation CDEP147ME Datasheet HTML 96Page - Sumida Corporation CDEP147ME Datasheet HTML 97Page - Sumida Corporation CDEP147ME Datasheet HTML 98Page - Sumida Corporation CDEP147ME Datasheet HTML 99Page - Sumida Corporation CDEP147ME Datasheet HTML 100Page - Sumida Corporation CDEP147ME Datasheet HTML 101Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 156 page
background image
97
Specifications
Impedance Characteristics
Features
1. Effective in wide frequency band (Several MHz to several 100MHz).
2. Even if complete safety ground is impossible in circuit design, effect is expected.
3. Less influence when installing on high frequency signal line at Max. 10MHz.
1. PC.
Application
Specifications
Impedance Characteristics
Features
1. Without the influence on the signal, common mode measurement is possibility.
2. Inexpensive type.
1. Noise filter for I/O port of the electric music equipment
 (Keyboard, Electric piano).
2. Various digital equipment.
Application
SFC99
Max. 81m
Ω
Max. 51m
Ω
Min. 1.7
µH
Min. 30
µH
SFC99NP-1R7
SFC99NP-300
Max. 1.25A
Max. 2.1A
Parts No.
D.C.R.
(1-6)
@20
°C
∆t=40°C
Inductance
(1-6)
@100kHz
Rated current
BM1012LF
Max. 14.3m
Ω
Max. 16.3m
Ω
Max. 18.0m
Ω
Max. 20.0m
Ω
Max. 23.8m
Ω
Max. 27.0m
Ω
BM1012LFNP-B0R2
BM1012LFNP-B0R4
BM1012LFNP-B0R8
BM1012LFNP-B1R5
BM1012LFNP-B1R9
BM1012LFNP-B2R7
Max. 150nH
Max. 180nH
Max. 200nH
Max. 230nH
Max. 250nH
Max. 280nH
3.9A
3.25A
3.2A
3.0A
2.75A
2.5A
Parts No.
D.C.R.
(1-2) (4-3)
(50/60Hz)
@20
°C
@1kHz
Inductance
Balance
Min. 0.2
µH
Min. 0.48
µH
Min. 0.88
µH
Min. 1.57
µH
Min. 1.90
µH
Min. 2.69
µH
Inductance
(1-2) (4-3)
Rated
current
EMC < Signal and DC Common Mode Choke Coils >
Max. 9.0
Max. 10.5
(1.2)
2.5
3.0
2.5
1
2
3
4
5
6
1
2
3
4
5
6
01
02
S
S
S
S
S
10
100
1k
10k
100M
1G
10M
1M
FREQUENCY (Hz)
300
1R7
7.5
4.0
Max. 10.3
Max. 12.0
2
3
1
4
S
S
2k
1.8k
1.4k
1.6k
1.2k
1k
600
800
400
200
0
100M
1G 1.8G
10M
1M
FREQUENCY (Hz)
B2R7
B1R9
B1R5
B0R8
B0R4
B0R2
/ 仕様
/ インピーダンス特性
/ 特徴
1. 広い周波数帯域に効果あり。
(数MHz∼数100MHz)
2. 回路設計上完全な接地が取れなくても効果を発揮。
3. 10MHz以下の高周波信号ラインに付加しても影響小。
1. パソコン。
/ 用途
/ 仕様
/ インピーダンス特性
/ 特徴
1. 信号に影響を与えず、
コモンモード対策が可能。
2. 廉価タイプ。
1. 電子楽器(キーボード・電子ピアノ)I/O部のノイズフィルタ。
2. 各種デジタル機器。
/ 用途
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
DIMENSIONS (mm)
外形寸法図
Schematics
結線図
品名
直流抵抗
定格電流
インダクタンス
品名
直流抵抗
定格電流
インダクタンス
平衡度
インダクタンス



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com