Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMJ9 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # HMJ9
Description  The Communications Edge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ9 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  HMJ9 Datasheet HTML 1Page - WJ Communication. Inc. HMJ9 Datasheet HTML 2Page - WJ Communication. Inc. HMJ9 Datasheet HTML 3Page - WJ Communication. Inc. HMJ9 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-433-5649 • e-mail: sales@wj.com • Web site: www.wj.com
December 2000
Conversion Loss vs. Input IF Frequency
IIP3 vs. IF Frequency
IF Return Loss vs. IF Frequency
LO Return Loss vs. LO Frequency
RF Return Loss vs. RF Frequency
L-I Isolation vs. LO Frequency
IF Frequency (MHz)
250
255
260
265
280
270
275
40
38
36
34
32
30
RF = 870 MHz
RF = 885 MHz
RF = 900 MHz
IF Frequency (MHz)
250
255
260
265
270
275
280
9.0
8.6
7.8
8.2
7.4
7.0
LO Frequency (MHz)
60
55
50
45
40
35
IF Frequency (MHz)
250
280
275
270
265
260
255
870
900
895
890
885
880
875
1100
1200
1180
1160
1140
1120
-10
-20
-14
-16
-18
-12
RF Frequency (MHz)
-10.4
-11.0
-10.8
-10.9
-10.7
-10.6
-10.5
L-R Isolation vs. LO Frequency
LO Frequency (MHz)
1100
1120
1140
1160
1180
1200
30
15
20
25
LO Frequency (MHz)
RF = 870 MHz
RF = 885 MHz
RF = 900 MHz
I-R Isolation vs. IF Frequency
IF Frequency (MHz)
-20
-30
-40
-50
-5
-10
-15
-60
250
280
275
270
260
265
255
1100
1120
1140
1160
1180
1200
0
-20
LO = 1150 MHz
LO = 1150 MHz
HMJ9
Performance Charts
Advanced Product Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com