Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMJ9 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # HMJ9
Description  The Communications Edge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ9 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  HMJ9 Datasheet HTML 1Page - WJ Communication. Inc. HMJ9 Datasheet HTML 2Page - WJ Communication. Inc. HMJ9 Datasheet HTML 3Page - WJ Communication. Inc. HMJ9 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-433-5649 • e-mail: sales@wj.com • Web site: www.wj.com
December 2000
HMJ9
Product Description
The HMJ9 is a high dynamic range, GaAs FET
mixer. As an upconverter, this active FET mixer
realizes a typical third order intercept point of
+35 dBm at an LO drive level of +17 dBm. The
HMJ9 comes in a low cost, J-lead package.
Typical applications include frequency up/down
conversion for receivers and transmitters used
in cellular communications systems.
Product Features
• +35 dBm IIP3
• No External Matching Elements
Required
• RF 860-900 MHz
• LO 1140-1160 MHz
• IF 250-280 MHz
• +17 dBm Drive Level
• +3V Bias (23 mA)
• Low Cost Surface Mount J-Lead
Package
Functional Diagram
Absolute Maximum Ratings
Parameter
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-65 to +100°C
Maximum Input Power
25 dBm
1. Operation of this device above any of these parameters may cause permanent damage.
2. Total sum of LO port and RF port power should not exceed 25 dBm.
Ordering Information
Part No.
Description
HMJ9
High Dynamic Range FET Mixer
(Available in tape and reel)
HMJ9-PCB
Fully Assembled Application Circuit
Function Pin No.
Ground
1
IF
2
Ground
3-9
+3V DC
10
Ground
11
Function Pin No.
Ground
12
LO
13
Ground
14-20
RF
21
Ground
22
1 2 3 4 5678 9 10 11
22 21 20 19 18 17 16 15 1413 12
High Dynamic Range FET Mixer
Specifications
Parameter
Units
Minimum
Typical
Maximum
Condition
Frequency Range:
RF
MHz
860
900
LO
MHz
1140
1160
IF
MHz
250
280
SSB Conversion Loss
dB
8.5
9.3
Noise Figure
dB
11
Isolation:
LO-RF
dB
18
20
LO-IF
dB
40
50
IF-RF
dB
25
IIP3
dBm
32
35
RF = 900 MHz (0dBm)
Return Loss:
RF Port
dB
10
LO Port
dB
9
IF Port
dB
15
Input P1dB
dBm
23
LO Drive Level
dBm
17
DC Current at +3V Bias
mA
23
35
Test conditions unless otherwise stated: RF = 900 MHz (-10 dBm), LO = 830 MHz (17 dBm), IF = 70 MHz and 25˚C.
The Communications Edge™
Advanced Product Information


Similar Part No. - HMJ9

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMJ EATON-HMJ Datasheet
742Kb / 1P
1/4" x various length and SFE in-line fuse holder
HMJ EATON-HMJ Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ1 WJCI-HMJ1 Datasheet
225Kb / 3P
High Dynamic Range FET Mixer
logo
List of Unclassifed Man...
HMJ1-PCB ETC1-HMJ1-PCB Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
More results

Similar Description - HMJ9

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1587 FAIRCHILD-RC1587 Datasheet
333Kb / 4P
Power Conversion for the Data Communications Market
logo
WJ Communication. Inc.
ECG055 WJCI-ECG055 Datasheet
311Kb / 7P
The Communications Edge
logo
Silicon Laboratories
AN197 SILABS-AN197 Datasheet
233Kb / 14P
SERIAL COMMUNICATIONS GUIDE FOR THE CP210X
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
Satellite Communications
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
STMicroelectronics
AN3259 STMICROELECTRONICS-AN3259 Datasheet
334Kb / 25P
RS232 communications with a terminal using the STM8S-DISCOVERY
06-Dec-2010
logo
Roithner LaserTechnik G...
ELD-870F-515-2 ROITHNER-ELD-870F-515-2 Datasheet
99Kb / 1P
optical communications
ELD-1020-525 ROITHNER-ELD-1020-525 Datasheet
140Kb / 1P
optical communications
logo
Analog Devices
HMC1065LP4E AD-HMC1065LP4E Datasheet
1,019Kb / 16P
Satellite Communications
logo
NEC
SV9300 NEC-SV9300 Datasheet
551Kb / 2P
COMMUNICATIONS SERVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com