Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0015 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS0015
Description  BOS 18E-PO-1YA-E5-D-S4 BOS0015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0015 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS0015 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0015 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BOS 18E-PO-1YA-E5-D-S4
BOS0015
Internet
www.balluff.com
For definitions of terms, see main catalog
eCl@ss 9.1: 27-27-09-03
Balluff Germany
+49 (0) 7158 173-0, 173-370
Subject to change without notice
ETIM 6.0: EC001821
Balluff USA
1-800-543-8390
BOS0015_09-03-17_18:50
Balluff China
+86 (0) 21-50 644131
1(2)
Electrical connection
Connection
M12x1-Connector, 4-pole, A-
coded
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Hysteresis H max. (% of Sr)
15.0 %
Load capacitance max. at Ue
1 µF
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10…30 VDC
Output resistance Ra
33.0 kOhm
Pollution degree
3
Protected against miswiring
yes
Rated insulation voltage Ui
250 V AC
Rated operating current Ie DC
200 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
10 ms
Repeat accuracy max. (% of Sr)
5.0 %
Residual current Ir max.
50 µA
Switching frequency
100 Hz
Turn-off delay toff max.
5 ms
Turn-on delay ton max.
5 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-5…75 °C
Protection class
II
Protection type IEC 60529
IP68
General data
Approval/Conformity
cULus
CE
Basic standard
IEC 60947-5-2
Series
18E
Style
Cylinder
Straight optics
Material
Housing material
Stainless steel (1.4571)
Material sensing surface
Glass
Mechanical data
Dimension
Ø 18 x 70 mm
Fastening detail
Nut M18x1
Tightening torque max.
30 Nm
40 Nm
Optical data
Ambient light max.
10000 Lux
Beam characteristic
Divergent
Light type
LED Red light
Wave length
665 nm
Output/Interface
Switching output
PNP Normally closed (NC)
1) Optical axis


Similar Part No. - BOS0015

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS0089 BALLUFF-BOS0089 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-10-10
BOS008L BALLUFF-BOS008L Datasheet
117Kb / 3P
Photoelectric Sensors
2024-10-10
BOS008T BALLUFF-BOS008T Datasheet
106Kb / 2P
Photoelectric Sensors
2024-10-10
BOS00JH BALLUFF-BOS00JH Datasheet
102Kb / 2P
Photoelectric Sensors
2024-08-26
BOS00JJ BALLUFF-BOS00JJ Datasheet
103Kb / 2P
Photoelectric Sensors
2024-08-26
More results

Similar Description - BOS0015

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM8203E DAVICOM-DM8203E Datasheet
51Kb / 1P
DM8203E_EVB circuit for DM8203-E5
logo
PHOENIX CONTACT
1884678 PHOENIX-1884678 Datasheet
121Kb / 5P
VC-MEMV-S4
1884759 PHOENIX-1884759 Datasheet
113Kb / 5P
VC-MP-S4
logo
Vishay Siliconix
VEMI45LA-HNH VISHAY-VEMI45LA-HNH Datasheet
112Kb / 6P
s4-Channel EMI-Filter with ESD-Protection
18-May-10
logo
Molex Electronics Ltd.
1301230051 MOLEX11-1301230051 Datasheet
32Kb / 1P
I-Beam Festoon Intermediate Car 605 S4
logo
Microchip Technology
ATXMEGA32E5 MICROCHIP-ATXMEGA32E5 Datasheet
2Mb / 153P
XMEGA짰 E5 Data Sheet
2018
logo
HARTING Technology Grou...
09-03-296-5850 HARTING-09-03-296-5850 Datasheet
888Kb / 4P
DIN-Signal C096FP-4,5C1-S4
09-03-264-5850 HARTING-09-03-264-5850 Datasheet
889Kb / 4P
DIN-Signal C064FP-4,5C1-S4
logo
Intel Corporation
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Schneider Electric
STBXBE1300K SCHNEIDER-STBXBE1300K Datasheet
118Kb / 3P
Modicon STB - BOS internal bus extension kit
Apr 8, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com