Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0015 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0015
Description  BOS 18E-PO-1YA-E5-D-S4 BOS0015
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0015 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0015 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0015 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BOS 18E-PO-1YA-E5-D-S4
BOS0015
Internet
www.balluff.com
For definitions of terms, see main catalog
eCl@ss 9.1: 27-27-09-03
Balluff Germany
+49 (0) 7158 173-0, 173-370
Subject to change without notice
ETIM 6.0: EC001821
Balluff USA
1-800-543-8390
BOS0015_09-03-17_18:50
Balluff China
+86 (0) 21-50 644131
2(2)
Range/Distance
Measuring range
0…100 mm
Range
0…100 mm
Rated operating distance Sn
100 mm
Ripple max. (% of Ue)
15 %
Temperature drift max. (% of Sr)
10 %
Remarks
Order accessories separately.
Reference object (target): gray card, 100 x 100 90 % remission, axial
approach.
The sensor is functional again after the overload has been eliminated.
Only for applications per NFPA 79 (machines with a supply voltage of
maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for
attaching the device.
Connector view
 
Wiring Diagram
 
 
Symbols for Optoelectronic Sensors
 
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com