Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850DSL Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC850DSL
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850DSL Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC850DSL Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
35
Bus Signal Timing
Table 9 shows the PCMCIA port timing for the MPC850.
Figure 27 provides the PCMCIA output port timing for the MPC850.
Figure 27. PCMCIA Output Port Timing
Figure 28 provides the PCMCIA output port timing for the MPC850.
Figure 28. PCMCIA Input Port Timing
Table 9. PCMCIA Port Timing
Num
Characteristic
50 MHz
66 MHz
80 MHz
Unit
Min
Max
Min
Max
Min
Max
P57
CLKOUT to OPx valid
—
19.00
—
19.00
—
19.00
ns
P58
HRESET negated to OPx drive 1
1
OP2 and OP3 only.
18.00
—
26.00
—
22.00
—
ns
P59
IP_Xx valid to CLKOUT rising edge
5.00
—
5.00
—
5.00
—
ns
P60
CLKOUT rising edge to IP_Xx invalid
1.00
—
1.00
—
1.00
—
ns
CLKOUT
HRESET
Output
Signals
OP2, OP3
P57
P58
CLKOUT
Input
Signals
P59
P60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com