Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC850DSL Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC850DSL
Description  PowerQUICC™ Integrated Communications Processor Hardware Specifications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC850DSL Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC850DSL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC850DSL Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
MPC850 PowerQUICC™ Integrated Communications Processor Hardware Specifications, Rev. 2
8
Freescale Semiconductor
Thermal Characteristics
4
Thermal Characteristics
Table 3 shows the thermal characteristics for the MPC850.
Table 4 provides power dissipation information.
Table 5 provides the DC electrical characteristics for the MPC850.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal resistance for BGA 1
1
For more information on the design of thermal vias on multilayer boards and BGA layout considerations in
general, refer to AN-1231/D, Plastic Ball Grid Array Application Note available from your local Freescale sales
office.
θJA
40 2
2 Assumes natural convection and a single layer board (no thermal vias).
°C/W
θJA
31 3
3
Assumes natural convection, a multilayer board with thermal vias4, 1 watt MPC850 dissipation, and a board
temperature rise of 20
°C above ambient.
°C/W
θJA
24 4
4 Assumes natural convection, a multilayer board with thermal vias4, 1 watt MPC850 dissipation, and a board
temperature rise of 13
°C above ambient.
TJ = TA + (PD
•θJA)
PD = (VDD
• IDD) + PI/O
where:
PI/O is the power dissipation on pins
°C/W
Thermal Resistance for BGA (junction-to-case)
θJC
8
°C/W
Table 4. Power Dissipation (PD)
Characteristic
Frequency (MHz)
Typical 1
1
Typical power dissipation is measured at 3.3V
Maximum 2
2
Maximum power dissipation is measured at 3.65 V
Unit
Power Dissipation
All Revisions
(1:1) Mode
33
TBD
515
mW
40
TBD
590
mW
50
TBD
725
mW
Table 5. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Operating voltage at 40 MHz or less
VDDH, VDDL,
KAPWR, VDDSYN
3.0
3.6
V
Operating voltage at 40 MHz or higher
VDDH, VDDL,
KAPWR, VDDSYN
3.135
3.465
V
Input high voltage (address bus, data bus, EXTAL, EXTCLK,
and all bus control/status signals)
VIH
2.0
3.6
V
Input high voltage (all general purpose I/O and peripheral pins)
VIH
2.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com