Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8820 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 8Page - OSRAM GmbH TMF8820 Datasheet HTML 9Page - OSRAM GmbH TMF8820 Datasheet HTML 10Page - OSRAM GmbH TMF8820 Datasheet HTML 11Page - OSRAM GmbH TMF8820 Datasheet HTML 12Page - OSRAM GmbH TMF8820 Datasheet HTML 13Page - OSRAM GmbH TMF8820 Datasheet HTML 14Page - OSRAM GmbH TMF8820 Datasheet HTML 15Page - OSRAM GmbH TMF8820 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 11
Information
The 8x8-histogram view is not enabled in the EVM GUI. It automatically hides this element in 8x8
mode.
3.1.4
"Control" Box [3]
Figure 8:
Control Box
“Pixels” Combo Box
The TMF882X detects objects in more than one zone. Select the zone setup here.
Select one of these:
●
3 x 3 - divides the field of view into nine zones, arranged in a 3 by 3 rectangle
●
4 x 4 - divides the field of view into sixteen zones, arranged in a 4 by 4 rectangle
●
3 x 6 - divides the field of view into eighteen zones, arranged in a 3 by 6 rectangle
●
8 x 8 - divides the field of view into 64 zones, arranged in a 8 by 8 rectangle
"SPAD Map" Combo Box
Define the field of view with the entries in this combo box. For a narrow field of view, select e.g.
"33°x32°".
For a wide field of view, select e.g. "41°x52°" - 41° horizontal, 52° vertical.
For 8 x 8 zones, the SPAD Map is fixed
to a “Custom Map” that cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com