Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8820 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMF8820
Description  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8820 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMF8820 Datasheet HTML 9Page - OSRAM GmbH TMF8820 Datasheet HTML 10Page - OSRAM GmbH TMF8820 Datasheet HTML 11Page - OSRAM GmbH TMF8820 Datasheet HTML 12Page - OSRAM GmbH TMF8820 Datasheet HTML 13Page - OSRAM GmbH TMF8820 Datasheet HTML 14Page - OSRAM GmbH TMF8820 Datasheet HTML 15Page - OSRAM GmbH TMF8820 Datasheet HTML 16Page - OSRAM GmbH TMF8820 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 12
"Mode" Combo Box
This control is available for 3 x 3, 4 x 4, and 3 x 6 zones. It selects three predefined parameter sets for
iterations and threshold:
●
Default Mode - 550000 iterations, the TMF882X runs with a measurement frequency of 30 Hz in
this mode
●
Low Power Mode - 50000 iterations, the TMF882X runs with minimal power consumption in this
mode
●
High Performance Mode - 4000000 iterations, used for detecting objects with maximum range
In all three modes, the default value for the object detection threshold is 6. This is the minimum
confidence required to display an object in the distance bar chart and the 3D graphs.
"Iterations" Spin Box
Select the number of iterations in a single target measurement here. If you increase the number of
iterations for a single measurement the overall measurement frequency will decrease.
For 8 x 8 zones, the EVM GUI will display the frame rate depending on the number of iterations. The
maximum framerate is 15 samples/second.
"Threshold" Spin Box
Select the minimum confidence threshold for target detection here. If the calculated target detection
confidence is below this level, the GUI will not display the corresponding object in the graphs.
"Run" Check Box
Enable this check box to run target measurements continuously.
Sequence Controls
The sequence spin box and the sequence button enable you to run a defined number of target
measurements. With the default setting clicking the sequence button will trigger 10 measurements.
After that, the EVM GUI will stop requesting new measurement results. This is especially useful for
logging an exactly defined number of measurements.
Calibration Controls
The EVM needs to be calibrated for precise measurements. The factory calibration indicator (the dot
left of the "Calibrate" button) shows if the EVM was calibrated for the current operation mode (e.g.
3 x 3) and the selected SPAD map.
Without calibration data, the ToF possibly also detects the cross-talk peak caused by the cover glass
on the EVM case as valid object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com