Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-State Digital Timer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
H3CA
H3CA
13
s CHECK INPUT
ON-Delay Operation
When a no-voltage input signal is applied to the timer during
the lapse of a set time, the remaining set time will become 0
and the timer will enter the next control state. Also, while the
Check Signal is applied, the elapsed time measurement of the
set time is not performed. The Check input is especially useful
where ON-delay override may be desirable.
t - a = less than set time
Reset
3 - 7
(X-B1)
Power
2 - 10
(A1-A2)
Start
3 - 6
(X-C1)
Control
9 - 11
output NO
(15-18)
Check
3 - 4
(X-E1)
Reset
3 - 7
(X-B1)
Power
2 - 10
(A1-A2)
Start
3 - 6
(X-C1)
Control
9 - 11
output NO
(15-18)
Check
3 - 4
(X-E1)
t + set time
t - a = less than set time
Repeat Cycle Operation
The Check input signal in Repeat cycle mode allows
the timer to be used like a binary flip-flop or alternating
relay. Set an unattainable time, such as 999 hours.
Apply the no-voltage Check input to shift output status
from ON to OFF, or vice-versa. Jumper terminals 3 and 6
(X and C1) to short the start function. The Check input
then controls the output relay like a flip-flop or alternating
relay. This may be used to alternate wear on main and
secondary equipment such as pumps.
t-a
Installation
s PROPER INPUT CONNECTIONS (H3CA-A, H3CA-FA)
The neutral or common of the power supply is connected
to terminal 2 (A2) of the timer. Terminal 10 (A1) should be
connected to the "hot" or positive of the power supply. Do
not apply voltage to Check, Gate, Start and Reset inputs.
These are no-voltage type inputs.
......
•
•
•
Power
supply
AC or DC
Input contact
Load
2 (A2)
10 (A1)
8
9
11
•
↓
↑
•
4, 5, 6, 7
C, G, S, R
H3CA-A
(H3CA-FA)
s PROPER OUTPUT CONNECTIONS
Design your control circuit using the output relay contacts to
switch the load. Never switch a load with the contact that
is being used as an input signal. The timer's circuitry may
be damaged.
s PARALLEL CONNECTIONS
Parallel connection of two or more Omron Timers is possible
as shown by the diagram to the right.
This will allow the simultaneous start or restart of multiple
timers using a single switch for the Start Input and a single
switch for the Reset Input.
It is possible to wire only up to 4 timers in this manner. Wiring
more than 4 results in poor performance due to excessive
voltage drop.
Reset
Start
Com
Com
H3CA-A
Timer
H3CA-A
Timer
10
11
9
1
2
3
4
5
6
7
8
10
11
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com