Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2CF-08
Description  Solid-State Digital Timer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2CF-08 Datasheet HTML 1Page - Omron Electronics LLC P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
H3CA
H3CA
2
Time unit
selector
Time setting switches
Operation
mode
selector*
Mode
Operation
A
ON-delay
B
Repeat cycle
C
Signal Interval/OFF-delay
D
Signal OFF-delay I
G
Signal ON-delay/OFF-delay
H
Signal OFF-delay II
E
Interval
F
Cycle
Time unit
Timing range
0.1 s
0.1 to 99.9 seconds
s
1 to 999 seconds
0.1 m
0.1 to 99.9 minutes
m
1 to 999 minutes
0.1 h
0.1 to 99.9 hours
h
1 to 999 hours
10 h
10 to 9990 hours
s RANGE AND OPERATION MODE SELECTION
Note:
*Operation mode selector not included with ON-delay only models.
Description
Part number
Protective cover
Hard plastic cover protects against dust, dirt and water; not for use with panel covers
Y92A-48B
Soft plastic cover protects against dust, dirt and water; not for use with panel covers
Y92A-48D
NEMA 4 cover
Waterproof front cover
Y92A-48N
Colored panel covers
Light gray (Munsell No. 5Y7/1) to match case
Y92P-48GL
Medium gray (Munsell No. 5Y5/1)
Y92P-48GM
Black (Munsell No. N1.5)
Y92P-48GB
Mounting track
DIN rail, 50 cm (1.64 ft) length; 7.3 mm thick
PFP-50N
DIN rail, 1 m (3.28 ft) length; 7.3 mm thick
PFP-100N
DIN rail, 1 m (3.28 ft) length; 16 mm thick
PFP-100N2
End plate
PFP-M
Spacer
PFP-S
ACCESSORIES, continued
Part number
H3CA-A
H3CA-FA
H3CA-8H
H3CA-8
AC
24 to 240 V, 50/60 Hz
24 V, 100/110/120 V, 200/220/240 V; 50/60 Hz
DC
12 to 240 V
12 V, 24 V, 48 V, 110 V, (permissible ripple
factor: 20% max. using single-phase, full-
wave rectified power sources)
Operating voltage
90 to 110% of rated voltage
AC
4 VA
10 VA
DC
2 W
2W
Timing
8 field-selectable modes: ON-delay, Repeat
ON-delay only
functions
cycle, Signal Interval/OFF-delay, Signal ON-/
OFF-delay, Signal OFF-delay (I and II),
Interval and Cycle
Start, reset, gate inputs
No voltage
No voltage
–
–
Type
Time limit
SPDT
SPDT
DPDT
Instantaneous
–
SPDT
–
Max. load
3 A, 250 VAC (p.f. = 1)
Min. load
10 mA, 5 VDC
Repeat accuracy
±0.3%, ±0.05 sec (includes variation due to voltage and temperature changes)
Setting error
±0.5%, ±0.05 sec
Resetting system
Power-OFF, external and self-reset
Power-OFF
Resetting time
0.5 sec max.
0.1 sec max.
Indicators
Time Remaining (LCD bar graph), Output Status (LCD message)
Materials
Plastic case
Mounting
Panel, track, surface
Connections
11-pin round socket
Terminal screws
8-pin round socket
Specifications
Supply
voltage
Power
consumption
Control
output
Specification table continued on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com