Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128J3F75 Datasheet(PDF) 4 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 4 Page - Numonyx B.V

  JS28F128J3F75 Datasheet HTML 1Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 2Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 3Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 4Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 5Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 6Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 7Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 8Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
4
9.3.1
Single-Word/Byte Programming................................................................36
9.3.2
Buffered Programming ............................................................................37
9.4
Block Erase Operations.......................................................................................38
9.5
Blank Check......................................................................................................39
9.6
Suspend and Resume.........................................................................................39
9.7
Status Signal ....................................................................................................41
9.8
Security and Protection.......................................................................................42
9.8.1
Normal Block Locking ..............................................................................42
9.8.2
Configurable Block Locking.......................................................................43
9.8.3
Password Access.....................................................................................43
9.8.4
128-bit OTP Protection Register ................................................................43
9.8.5
Reading the 128-bit OTP Protection Register...............................................43
9.8.6
Programming the 128-bit OTP Protection Register .......................................43
9.8.7
Locking the 128-bit OTP Protection Register ...............................................44
9.8.8
VPEN Protection......................................................................................45
10.0 ID Codes
..................................................................................................................46
11.0 Device Command Codes
...........................................................................................47
12.0 Flow Charts
..............................................................................................................48
13.0 Common Flash Interface
..........................................................................................57
13.1 Query Structure Output ......................................................................................57
13.2 Query Structure Overview...................................................................................58
13.3 Block Status Register .........................................................................................59
13.4 CFI Query Identification String ............................................................................59
13.5 System Interface Information..............................................................................60
13.6 Device Geometry Definition.................................................................................60
13.7 Primary-Vendor Specific Extended Query Table ......................................................61
A
Additional Information
.............................................................................................64
B
Ordering Information
...............................................................................................65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com