Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128J3F75 Datasheet(PDF) 21 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button JS28F128J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 19Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 20Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 21Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 22Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 23Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 24Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
20
Note:
1.
Power supplies connected or sequenced together.
Device inputs must not be driven until all supply voltages reach their minimum range.
RP# should be low during power transitions.
5.3.2
Power Supply Decoupling
When the device is enabled, many internal conditions change. Circuits are energized,
charge pumps are switched on, and internal voltage nodes are ramped. All of this
internal activities produce transient signals. The magnitude of the transient signals
depends on the device and system loading. To minimize the effect of these transient
signals, a 0.1 µF ceramic capacitor is required across each VCC/VSS and VCCQ signal.
Capacitors should be placed as close as possible to device connections.
Additionally, for every eight flash devices, a 4.7 µF electrolytic capacitor should be
placed between VCC and VSS at the power supply connection. This 4.7 µF capacitor
should help overcome voltage slumps caused by PCB trace inductance.
5.4
Reset
By holding the flash device in reset during power-up and power-down transitions,
invalid bus conditions may be masked. The flash device enters reset mode when RP# is
driven low. In reset, internal flash circuitry is disabled and outputs are placed in a high-
impedance state. After return from reset, a certain amount of time is required before
the flash device is able to perform normal operations. After return from reset, the flash
device defaults to asynchronous page mode. If RP# is driven low during a program or
erase operation, the program or erase operation will be aborted and the memory
contents at the aborted block or address are no longer valid. See Figure 12, “AC
Waveform for Reset Operation” on page 28 for detailed information regarding reset
timings.
Table 6:
Power-Up/Down Sequence
Power Supply
Voltage
Power-Up Sequence
Power-Down Sequence
VCC(min)
1st
1st
1st(1)
Sequencing not
required(1)
3rd
2nd
2nd(1)
Sequencing not
required(1)
VCCQ(min)
2nd
2nd(1)
2nd
1st(1)
VPEN(min)
3rd
2nd
1st
1st



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com