Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS20 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # JS20
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS20 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button JS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 16Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
H1
A
G
P
R
E
B
F
M
M
øH2
Center of sphere
Symbol
-X530
For Pneumatic Cylinders: For ø80, ø100
1
Applicable to the floating joint and stainless steel type JS series and used for pneumatic cylinders with bore sizes of ø80 and ø100.
∗ This product is dedicated to the pneumatic cylinders.
Model/Specifications
Model
Bore size
(mm) Note)
Nominal
thread size
Operating
pressure
Dust cover
material
Allowable
eccentricity
U (mm)
Applicable cylinder
Ambient
temperature
(
°C)
Maximum operating
tensile and
compressive force
N
JS80-22-150-X530
JS80-22-150S-X530
JS100-26-150-X530
JS100-26-150S-X530
ø80
ø100
M22 x 1.5
M26 x 1.5
5000
7850
1 MPa or less
Fluororubber
Silicone rubber
Fluororubber
Silicone rubber
1.25
2
Weight
(kg)
0.58
1.05
– 5 to 70
Note) Think of applicable bore size as a guide. For details, confirm the rod end thread diameter of a cylinder to be used in the catalog.
d: Nominal thread size
Model
M22 x 1.5
M26 x 1.5
Order no.
DA00243
DA00189
JS80-22-150(S)-X530
JS100-26-150(S)-X530
H
13
16
32
41
B
C
37
47.3
(mm)
Rod end nut
One rod end nut is supplied with the JS series. If additional nuts
are needed, please order them using the part no. shown below.
Dimensions
Dimensions
Model
M
A
B
D1
D2
E
F
G
H1
J
Center of
sphere
R
Maximum
thread depth
P
Allowable
eccentricity
U
Maximum operating tensile
and compressive force
(N)
Weight
(kg)
M22 x 1.5
M26 x 1.5
89.5
110
28
34
46
55.5
50
59.5
9.9
11.4
19
24
16.8
21
32
41
H2
34.7
44.4
57.2
66.2
56.5
68
14
19.5
1.25
2
5000
7850
0.58
1.05
(mm)
JS80-22-150(S)-X530
JS100-26-150(S)-X530
JS Series
Made to Order: Individual Specifications
Please contact SMC for detailed dimensions, specifications and lead times.
1159
J
D-
-X
Technical
Data
J
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com