Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS20 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # JS20
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS20 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button JS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS20 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M
B
C
H
4 x
J
A
G
P
T
Center of
sphere
R
M
Center of sphere
B
E
H
4 x ø
J
G
P
A
R
K
L
F
B
H
d
Flange Type: JAF
Foot Type: JAL
Rod End Nut
Floating Joint Replacement Parts
Dimensions
Applicable
bore size
Model
M
A
B
C
D
E
F
K
L
T
J
G
H
Center of
sphere
R
Maximum
screw-in
depth
P
Allowable
eccentricity
U
Maximum operating
tensile and
compressive force
(N)
Weight
(kg)
Nominal
size
Pitch
180
JAL180-40-150-X530 40
1.5
220 116 55
96
74
48 151 90
89
22
28
70
78
49
3
55000
10.3
200
JAL200-45-150-X530 45
1.5
220 116 55
96
74
48 151 90
89
22
28
70
78
49
3
55000
10.4
(mm)
Model
Order no.
d: Nominal thread size
H
B
C
JA180-40-150-X530 DA00425
M40 x 1.5
23
60
69.3
JA200-45-150-X530 DA00447
M45 x 1.5
27
70
80.8
JAL 180
200 --X530
Dust cover
When the dust cover is damaged and deteriorated, order with the
part number below.
Replaceable dust cover is only for the basic type. Flange type and
foot type cannot be replaced.
Part no. for dust cover
Applicable model
P215295
JA180, 200-
-X530
The basic type has one rod end nut attached, it is possible to
order additional pieces by the order numbers below.
(mm)
Dimensions
Applicable
bore size
Model
M
A
B
C
D
T
J
G
H
Center of
sphere
R
Maximum
screw-in
depth
P
Allowable
eccentricity
U
Maximum operating
tensile and
compressive force
(N)
Weight
(kg)
Nominal
size
Pitch
180
JAF180-40-150-X530
40
1.5
159
150
100
96
29
22
28
70
86
49
3
55000
9.1
200
JAF200-45-150-X530
45
1.5
159
150
100
96
29
22
28
70
86
49
3
55000
9.2
JAF 180
200 --X530
(mm)
1150
JA Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com