Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3834 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT3834
Description  36 Melody Music Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT3834 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT3834 Datasheet HTML 1Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 2Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 3Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 4Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 5Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 6Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 7Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 8Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pad Description
Pad Name
I/O
Internal
Connection
Function
VDD
¾¾
Positive power supply
VDDA
¾¾
DAC power supply
VSS
¾¾
Negative power supply, ground
VSSA
¾¾
DAC negative supply, ground
PA0~PA7
I/O
Wake-up,
Pull-high or
None
Bidirectional 8-bit I/O port, wake-up by mask option
PB0~PB7
I/O
Pull-high or
None
Bidirectional 8-bit I/O port
RESET
I
¾
Reset input, active low
OSC1
I
X
¢tal/Resistor XIN for X¢tal or ROSCIN for resistor by mask option
OSC2
O
¾
XOUT or T1
AUD
O
¾
DAC output interface
Absolute Maximum Ratings
Supply Voltage ......................... VSS
-0.3V to VSS+5.5V
Storage Temperature ..........................
-50°Cto125°C
Input Voltage ............................ VSS
-0.3V to VDD+0.3V
Operating Temperature .........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
4.5
5
V
IDD
Operating Current
3V
No load (OSC= 6MHz)
¾
28
mA
4.5V
¾
810
ISTB
Standby Current
3V
¾
¾
1
¾
mA
4.5V
¾
13
IOH
Flag Source Current
3V
¾
5
¾¾
mA
4.5V
IOL
Flag Sink Current
3V
¾
5
¾¾
mA
4.5V
VIH
Input High Voltage for I/O Ports
¾¾
0.8VDD
¾
VDD
V
VIL
Input Low Voltage for I/O Ports
¾¾
0
¾
0.2VDD
V
HT3834
Rev. 1.00
3
November 2, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com