Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3834 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT3834
Description  36 Melody Music Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT3834 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT3834 Datasheet HTML 1Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 2Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 3Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 4Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 5Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 6Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 7Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 8Page - Holtek Semiconductor Inc HT3834 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Function Description
Mode selection
PB3=1, PA7=0: Key control mode
PB3=1, PA7=1: MCU control mode
PB3=0: Manual control mode
Low voltage detect
PA5=0 (normal); PA5=1 (low voltage active, program stop)
Key Control Mode
PA0: Ring Detect
When an incoming 13Hz~90Hz ring signal is detected after a period of 200ms, the
music will automatically start playing. When the incoming ring signal stops, after a pe-
riod of 6 seconds the music will stop playing.
PA1: Hook Detect
This line detects the on/off hook condition of the telephone. Only when the telephone
is in an on-hook condition, can the music be chosen and played. If the handset is
lifted to talk, the music will stop playing and the HOLD key will be effective.
PA2: Melody select key
This key chooses and plays one of the 36 stored musical melodies. When the key is
pressed the next melody in the list will be selected and played. When the HOLD key
is pressed, the telephone hold function will be activated and when an incoming ring
signal is detected the music will be played.
PA3: Telephone Hold key
If this key is pressed during a phone conversation the phone will be put on hold and
the caller can listen to the music while waiting. If, when the music is playing, the hand-
set is lifted, the music will immediately stop playing. After this happens the HOLD
function will have no effect for a period of 2 seconds.
PA4: Volume key
Controls the music volume in 8 discrete steps. Each time the key is pressed the vol-
ume will reduce one step at a time until the lowest volume is reached. When the low-
est volume is reached, the next key press will return the volume to its maximum level.
MCU Mode
PA0: clock pin
Clock from external CPU
PA1: data pin
Data from external CPU
Timing Chart
Note:
50ms after power up, the device will be ready to communicate with the external CPU using the CLK and DATA
lines.
Communication via the CLK and DATA lines is conducted in a simple manner. The device will obtain its data on
the high going edge of the CLK line. If the device does not receive a complete byte within 50ms then the pres-
ent byte will be discarded and the next byte will then be received.
Even-parity is used for data checking. For the previous 8-bits, if the total number of
²1s² is odd then the parity
bit is set to
²1², otherwise it is set to ²0². If the parity is incorrect then the byte will be discarded.
Data Type (Command)
00H~23H
This command will select and play one of the 36 stored musical melodies (play once).
30H~53H
This command will select and play one of the 36 stored musical melodies (repeatedly once).
5FH
Stop play
60H~6FH
16 level volume control, 60H refers to highest volume (power on default 60H)
HT3834
Rev. 1.00
4
November 2, 2006
C L K
D A T A
3 0 m s
³ T 1 ³ 1 0 m s
B i t 0
B i t 1
B i t 2
B i t 3
B i t 4
B i t 5
B i t 6
B i t 7
P a r i t y
4 m s
³ T 2 ³ 3 0 0 m s
T 1
T 2
T 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com