Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7393EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7393EBZ Datasheet HTML 31Page - Analog Devices ADV7393EBZ Datasheet HTML 32Page - Analog Devices ADV7393EBZ Datasheet HTML 33Page - Analog Devices ADV7393EBZ Datasheet HTML 34Page - Analog Devices ADV7393EBZ Datasheet HTML 35Page - Analog Devices ADV7393EBZ Datasheet HTML 36Page - Analog Devices ADV7393EBZ Datasheet HTML 37Page - Analog Devices ADV7393EBZ Datasheet HTML 38Page - Analog Devices ADV7393EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 35 of 96
Table 24. Register 0x84 to Register 0x87
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Disabled
0x00
SD VSYNC-3H.
1
VSYNC= 2.5 lines (PAL),
VSYNC= 3 lines (NTSC)
0
0
Disabled
0
1
Subcarrier reset mode enabled
1
0
Timing reset mode enabled
SD SFL/SCR/TR Mode Select.
1
1
SFL mode enabled
0
720 pixels
SD Active Video Length.
1
710 (NTSC), 702 (PAL)
0
Chroma enabled
SD Chroma.
1
Chroma disabled
0
Enabled
SD Burst.
1
Disabled
0
Disabled
SD Color Bars.
1
Enabled
0
DAC 2 = luma, DAC 3 = chroma
0x84
SD Mode
Register 4
SD Luma/Chroma Swap.
1
DAC 2 = chroma, DAC 3 = luma
0
0
5.17 μs
0x02
0
1
5.31 μs
1
0
5.59 μs (must be set for
Macrovision compliance)
NTSC Color Subcarrier Adjust (Delay from
the falling edge of output HSYNC pulse to
start of color burst).
1
1
Reserved
Reserved.
0
0
Disabled
SD EIA/CEA-861B Synchronization
Compliance.
1
Enabled
Reserved.
0
0
0
Update field/line counter
SD Horizontal/Vertical Counter Mode.1
1
Field/line counter free running
0
Normal
0x86
SD Mode
Register 5
SD RGB Color Swap.2
1
Color reversal enabled
0
Disabled
0x00
SD PrPb Scale.
1
Enabled
0
Disabled
SD Y Scale.
1
Enabled
0
Disabled
SD Hue Adjust.
1
Enabled
0
Disabled
SD Brightness.
1
Enabled
0
Disabled
SD Luma SSAF Gain.
1
Enabled
0
Disabled
SD Input Standard Auto Detection.
1
Enabled
Reserved.
0
0 must be written to this bit
0
SD YCrCb input
0x87
SD Mode
Register 6
SD RGB Input Enable.2
1
SD RGB input
1 When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the selected standard. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.
2 Available on the ADV7392/ADV7393 (40-pin devices) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com