Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7393EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7393EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7393EBZ Datasheet HTML 20Page - Analog Devices ADV7393EBZ Datasheet HTML 21Page - Analog Devices ADV7393EBZ Datasheet HTML 22Page - Analog Devices ADV7393EBZ Datasheet HTML 23Page - Analog Devices ADV7393EBZ Datasheet HTML 24Page - Analog Devices ADV7393EBZ Datasheet HTML 25Page - Analog Devices ADV7393EBZ Datasheet HTML 26Page - Analog Devices ADV7393EBZ Datasheet HTML 27Page - Analog Devices ADV7393EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 24 of 96
SDA
SCL
START ADDR R/W ACK SUBADDRESS ACK
DATA
ACK
STOP
1–7
8
9
S
1–7
1–7
P
8
9
8
9
Figure 47. I2C Data Transfer
WRITE
SEQUENCE
READ
SEQUENCE
S SLAVE ADDR
A(S)
SUBADDR
A(S)
DATA
DATA
A(S) P
S SLAVE ADDR A(S)
SUBADDR
A(S) S SLAVE ADDR
A(S)
DATA
DATA
A(M)
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A (S) = NO-ACKNOWLEDGE BY SLAVE
A (M) = NO-ACKNOWLEDGE BY MASTER
LSB = 0
LSB = 1
A(S)
Figure 48. I2C Read and Write Sequence
SPI OPERATION
The ADV739x supports a 4-wire serial (SPI-compatible) bus
connecting multiple peripherals. Two inputs, master out slave in
(MOSI) and serial clock (SCLK), and one output, master in
slave out (MISO), carry information between a master SPI
peripheral on the bus and the ADV739x. Each slave device on
the bus has a slave select pin that is connected to the master SPI
peripheral by a unique slave select line. As such, slave device
addressing is not required.
To invoke SPI operation, a master SPI peripheral (for example, a
microprocessor) should issue three low pulses on the ADV739x
ALSB/SPI_SS pin. When the encoder detects the third rising
edge on the ALSB/SPI_SS pin, it automatically switches to SPI
communication mode. The ADV739x remains in SPI commu-
nication mode until a hardware reset or power-down occurs.
To control the ADV739x, use the following protocol for both read
and write transactions. First, the master initiates a data transfer by
driving and holding the ADV739x ALSB/SPI_SS pin low. On the
first SCLK rising edge after ALSB/SPI_SS has been driven low,
the write command, defined as 0xD4, is written to the ADV739x
over the MOSI line. The second byte written to the MOSI line is
interpreted as the starting subaddress. Data on the MOSI line is
written MSB first and clocked on the rising edge of SCLK.
There is a subaddress auto-increment facility. This allows data
to be written to or read from registers in ascending subaddress
sequence starting at any valid subaddress. The user can also
access any unique subaddress register on a one-by-one basis.
In a write data transfer, 8-bit data bytes are written to the
ADV739x, MSB first, on the MOSI line immediately after the
starting subaddress. The data bytes are clocked into the
ADV739x on the rising edge of SCLK. When all data bytes have
been written, the master completes the transfer by driving and
holding the ADV739x ALSB/SPI_SS pin high.
In a read data transfer, after the subaddress has been clocked in
on the MOSI line, the ALSB/SPI_SS pin is driven and held high
for at least one clock cycle. Then, the ALSB/SPI_SS pin is driven
and held low again. On the first SCLK rising edge after
ALSB/SPI_SS has been driven low, the read command, defined
as 0xD5, is written, MSB first, to the ADV739x over the MOSI
line. Subsequently, 8-bit data bytes are read from the ADV739x,
MSB first, on the MISO line. The data bytes are clocked out of
the part on the falling edge of SCLK. When all data bytes have
been read, the master completes the transfer by driving and
holding the ADV739x ALSB/SPI_SS pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com