Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M51163LC Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4M51163LC
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51163LC Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4M51163LC Datasheet HTML 3Page - Samsung semiconductor K4M51163LC Datasheet HTML 4Page - Samsung semiconductor K4M51163LC Datasheet HTML 5Page - Samsung semiconductor K4M51163LC Datasheet HTML 6Page - Samsung semiconductor K4M51163LC Datasheet HTML 7Page - Samsung semiconductor K4M51163LC Datasheet HTML 8Page - Samsung semiconductor K4M51163LC Datasheet HTML 9Page - Samsung semiconductor K4M51163LC Datasheet HTML 10Page - Samsung semiconductor K4M51163LC Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4M51163LC - R(B)N/G/L/F
March 2006
7
Mobile SDRAM
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. Minimum tRDL=2CLK and tDAL(= tRDL + tRP) is required to complete both of last data write command(tRDL) and precharge command(tRP).
4. All parts allow every cycle column address change.
5. In case of row precharge interrupt, auto precharge and read burst stop.
6. Maximum burst refresh cycle : 8
Parameter
Symbol
Version
Unit
Note
-75
-1H
-1L
Row active to row active delay
tRRD(min)
15
18
18
ns
1
RAS to CAS delay
tRCD(min)
18
18
24
ns
1
Row precharge time
tRP(min)
18
18
24
ns
1
Row active time
tRAS(min)
45
50
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
63
68
84
ns
1,6
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
3
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
4
Number of valid output data
CAS latency=3
2
ea
5
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com