Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M51163LC Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4M51163LC
Description  8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51163LC Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4M51163LC Datasheet HTML 4Page - Samsung semiconductor K4M51163LC Datasheet HTML 5Page - Samsung semiconductor K4M51163LC Datasheet HTML 6Page - Samsung semiconductor K4M51163LC Datasheet HTML 7Page - Samsung semiconductor K4M51163LC Datasheet HTML 8Page - Samsung semiconductor K4M51163LC Datasheet HTML 9Page - Samsung semiconductor K4M51163LC Datasheet HTML 10Page - Samsung semiconductor K4M51163LC Datasheet HTML 11Page - Samsung semiconductor K4M51163LC Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
K4M51163LC - R(B)N/G/L/F
March 2006
9
Mobile SDRAM
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
NOTES :
1. OP Code : Operand Code
A0 ~ A12 & BA0 ~ BA1 : Program keys. (@MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are the same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
Partial self refresh can be issued only after setting partial self refresh mode of EMRS.
4. BA0 ~ BA1 : Bank select addresses.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at the positive going edge of CLK masks the data-in at that same CLK in write operation (Write DQM latency
is 0), but in read operation, it makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2).
COMMAND
CKEn-1 CKEn
CS
RAS
CAS
WE
DQM BA0,1 A10/AP
A12, A11
A9 ~ A0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1, 2
Refresh
Auto Refresh
H
H
L
L
L
H
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Read &
Column Address
Auto Precharge Disable
H
X
L
H
L
H
X
V
L
Column
Address
(A0~A8)
4
Auto Precharge Enable
H
4, 5
Write &
Column Address
Auto Precharge Disable
H
X
L
H
L
L
X
V
L
Column
Address
(A0~A8)
4
Auto Precharge Enable
H
4, 5
Burst Stop
H
X
L
H
H
L
X
X
6
Precharge
Bank Selection
H
X
L
L
H
L
X
V
L
X
All Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge Power Down
Mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
X
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com